Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics STM8T141 Datasheet HTML 34Page - STMicroelectronics STM8T141 Datasheet HTML 35Page - STMicroelectronics STM8T141 Datasheet HTML 36Page - STMicroelectronics STM8T141 Datasheet HTML 37Page - STMicroelectronics STM8T141 Datasheet HTML 38Page - STMicroelectronics STM8T141 Datasheet HTML 39Page - STMicroelectronics STM8T141 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Electrical characteristics
STM8T141
36/50
Doc ID 15699 Rev 7
9.6.3
Electromagnetic interference (EMI)
Emission tests conform to the IEC61967-2 standard for board layout and pin loading. Worse
case EMI measurements are performed during maximum device activity.
9.6.4
Absolute maximum ratings (electrical sensitivity)
Based on two different tests (ESD and LU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
For more details, refer to the application note AN1181.
9.6.5
Electrostatic discharge (ESD)
Electrostatic discharges (3 positive then 3 negative pulses separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). This test
conforms to the JESD22-A114A/A115A standard. For more details, refer to the application
note AN1181.
Table 20.
EMI data
Symbol
Parameter
General conditions
Monitored
frequency band
RCOSC =
500 kHz (1)
1.
Data based on characterization results, not tested in production.
Unit
SEMI
Peak level
VDD 5 V, TA +25 °C,
SO8 (Narrow) package,
Complies with SAE
J1752/3, No finger on
touch electrode
0.1 MHz to 30 MHz
-4
dBµV
30 MHz to 130 MHz
-9
130 MHz to 1 GHz
-6
SAE EMI level
-1
Peak level
VDD 5 V, TA +25 °C,
SO8 (Narrow) package,
Complies with SAE
J1752/3, Finger on
touch electrode
0.1 MHz to 30 MHz
20
dBµV
30 MHz to 130 MHz
-8
130 MHz to 1 GHz
-7
SAE EMI level
15
Table 21.
ESD absolute maximum ratings
Symbol
Ratings
Conditions
Class
Maximum
value(1)
1.
Data based on characterization results, not tested in production
Unit
VESD(HBM)
Electrostatic discharge voltage
(Human body model)
TA +25°C, conforming
to JESD22-A114
A2000
V
VESD(CDM)
Electrostatic discharge voltage
(Charge device model)
TA +25°C, conforming
to JESD22-C101
IV
1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com