Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 39Page - STMicroelectronics STM8T141 Datasheet HTML 40Page - STMicroelectronics STM8T141 Datasheet HTML 41Page - STMicroelectronics STM8T141 Datasheet HTML 42Page - STMicroelectronics STM8T141 Datasheet HTML 43Page - STMicroelectronics STM8T141 Datasheet HTML 44Page - STMicroelectronics STM8T141 Datasheet HTML 45Page - STMicroelectronics STM8T141 Datasheet HTML 46Page - STMicroelectronics STM8T141 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
STM8T141
Ordering information
Doc ID 15699 Rev 7
43/50
11.2
Orderable favorite device lists
11.3
In-factory option byte programming service
For specific configurations not listed in Table 26: Orderable favorite device lists, in-factory
option byte programming is available on customer request and for large order quantities.
Customers have to fill out the option list (see below) and send it back to STMicroelectronics.
Customers are then informed by STMicroelectronics about the ordering part number
corresponding to the customer configuration. The XXXY parameter of the final ordering part
number (e.g. STM8T141AMXXXY) depends on the device configuration and is assigned by
STMicroelectronics.
Table 26.
Orderable favorite device lists
Config.
Option byte configuration(1)
Part numbers
Sampling
period
Charge
transfer
frequency
Power
modes
Detection
threshold
Reference
freeze
timeout
TOUT/
POUT output
mode
SO8
UFDFPN8
Default
config.
(OTP)
20 ms
125 kHz
Low Power
mode with
zoom
Standard
proximity
15 s
Active mode
STM8T141AM61T
STM8T141AU61TTR
20 ms
125 kHz
Low Power
mode with
zoom
Sensitive
touch
Infinite
Active mode
Not yet available
STM8T141AUMAJ1TR
(XXXY = MAJ1)
1.
Please refer to Section 7: Device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com