Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 32 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 32 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 36Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
the Burst Length (BL). Minimum read to write latency is RL + RU(tDQSCKmax/tCK) + BL/2 + 1 - WL clock cycles. Note
that if a read burst is truncated with a Burst Terminate (BST) command, the effective burst length of the truncated read
burst should be used as “BL” to calculate the minimum read to write delay.
Figure 4.12 — LPDDR2-SX: Seamless burst read: RL = 3, BL = 4, tCCD = 2
The seamless burst read operation is supported by enabling a read command at every other clock for BL = 4 operation,
every 4 clocks for BL = 8 operation, and every 8 clocks for BL=16 operation.
For LPDDR2-SDRAM, this operation is allowed regardless of whether the accesses read the same or different banks
as long as the banks are activated.
4.4.1
Reads interrupted by a read
For LPDDR2-S4 burst read can be interrupted by another read on even clock cycles after the Read command,
provided that tCCD is met
Figure 4.13 — LPDDR2-SX: Read burst interrupt example: RL = 3, BL = 8, tCCD = 2
NOTE 1 For LPDDR2-S4 devices, read burst interrupt function is only allowed on burst of 8 and burst of 16.
NOTE 2 For LPDDR2-S4 devices, read burst interrupt may only occur on even clock cycles after the previous commands, provided that tCCD is
met.
NOTE 3 Reads can only be interrupted by other reads or the BST command.
NOTE 4 Read burst interruption is allowed to any bank inside DRAM.
NOTE 5 Read burst with Auto-Precharge is not allowed to be interrupted
NOTE 6 The effective burst length of the first read equals two times the number of clock cycles between the first read and the interrupting read.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 32/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com