Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 53 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 53 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 54Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 55Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 56Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 57Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 129 page
background image
Transitioning data
Undefined
CK#
CK
CA[9:0]
CMD
DQS#
DQS
T0
T1
T2
T3
T4
T5
T6
T7
T8
RL = 3
tMRR = 2
DOUT
A0
DOUT
B
BL/21
DOUT
A1
DOUT
A2
DOUT
A3
DOUT
A0
DOUT
A1
DOUT
A2
DOUT
A3
Figure 4.35 — LPDDR2: Read to MRR timing example: RL = 3, tMRR = 2
NOTE 1: The minimum number of clocks from the burst read command to the Mode Register Read command is BL/2.
NOTE 2: The Mode Register Read Command period is tMRR. No command (other than Nop) is allowed during this period.
Figure 4.36 — LPDDR2: Burst Write Followed by MRR: RL = 3, WL = 1, BL = 4
NOTE 1 The minimum number of clock cycles from the burst write command to the Mode Register Read
command is [WL + 1 + BL/2 + RU( tWTR/tCK)].
NOTE 2 The Mode Register Read Command period is tMRR. No command (other than Nop) is allowed during
this period.
4.11.1
Temperature Sensor
LPDDR2-SX devices feature a temperature sensor whose status can be read from MR4. This sensor can be used to
determine an appropriate refresh rate (SDRAM), determine whether AC timing de-rating is required in the Extended
Temperature Range (SDRAM), and/or monitor the operating temperature (SDRAM). Either the temperature sensor or
the device TOPER ( See “Operating Temperature Range” ) may be used to determine whether operating temperature
requirements are being met.
LPDDR2 devices shall monitor device temperature and update MR4 according to tTSI. Upon exiting self-refresh or
power-down, the device temperature status bits shall be no older than tTSI.
When using the temperature sensor, the actual device case temperature may be higher than the TOPER specification
(See “Operating Temperature Range” ) that applies for the Standard or Extended Temperature Ranges. For example,
TCASE may be above 85o C when MR4[2:0] equals 011B.
To assure proper operation using the temperature sensor, applications should consider the following factors:
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 53/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com