Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 56 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 56 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 54Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 55Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 56Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 57Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 58Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 59Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 60Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 129 page
background image
4.12
Mode Register Write Command
The Mode Register Write command is used to write configuration data to mode registers.
The Mode Register Write (MRW) command is initiated by having CS# LOW, CA0 LOW, CA1 LOW, CA2 LOW, and
CA3 LOW at the rising edge of the clock. The mode register is selected by {CA1f-CA0f, CA9r-CA4r}. The data to be
written to the mode register is contained in CA9f-CA2f. The MRW command period is defined by tMRW. Mode
Register Writes to read-only registers shall have no impact on the functionality of the device.
Figure 4.39 — Mode Register Write timing example: RL = 3, tMRW = 5
NOTE 1 The Mode Register Write Command period is tMRW. No command (other than Nop) is allowed during this period.
NOTE 2 At time Ty, the device is in the idle state.
4.12.1 LPDDR2-SX: Mode Register Write
For LPDDR2-S devices, the MRW may only be issued when all banks are in the idle precharge state. One method of
ensuring that the banks are in the idle precharge state is to issue a Precharge-All command.
4.12.2 Mode Register Write Reset (MRW Reset)
Any MRW command issued to MRW63 initiates an MRW Reset. The MRW Reset command brings the device to the
Device Auto-Initialization (Resetting) State in the Power-On Initialization sequence. The MRW Reset command may
be issued from the Idle state for LPDDR2-SX devices. This command resets all Mode Registers to their default values..
No commands other than NOP may be issued to the LPDDR2 device during the MRW Reset period (tINIT4). After
MRW Reset, boot timings must be observed until the device initialization sequence is complete and the device is in the
Idle state. Array data for LPDDR2-SX devices are undefined after the MRW Reset command.
For the timing diagram related to MRW Reset.
4.12.3 Mode Register Write ZQ Calibration Command
The MRW command is also used to initiate the ZQ Calibration command. The ZQ Calibration command is used to
calibrate the LPDDR2 ouput drivers (RON) over process, temperature, and voltage. LPDDR2-S4 devices support ZQ
Calibration.
There are four ZQ Calibration commands and related timings, tZQINIT, tZQRESET, tZQCL, and tZQCS. tZQINIT
corresponds to the initialization calibration, tZQRESET for resetting ZQ setting to default, tZQCL is for long calibration,
and tZQCS is for short calibration. See Mode Register 10 for description on the command codes for the different ZQ
Calibration commands.
The Initialization ZQ Calibration (ZQINIT) shall be performed for LPDDR2-S4 devices. This Initialization Calibration
achieves a RON accuracy of +/-15%. After initialization, the ZQ Long Calibration may be used to re-calibrate the
system to a RON accuracy of +/-15%. A ZQ Short Calibration may be used periodically to compensate for temperature
and voltage drift in the system.
The ZQReset Command resets the RON calibration to a default accuracy of +/-30% across process, voltage, and
temperature. This command is used to ensure RON accuracy to +/-30% when ZQCS and ZQCL are not used.
One ZQCS command can effectively correct a minimum of 1.5% (ZQCorrection) of RON impedance error within
tZQCS for all speed bins assuming the maximum sensitivities specified in the ‘Output Driver Voltage and Temperature
Sensitivity’. The appropriate interval between ZQCS commands can be determined from these tables One method for
calculating the interval between ZQCS commands, given the temperature (Tdriftrate) and voltage (Vdriftrate) drift rates
that the LPDDR2 is subject to in the application, is illustrated. The interval could be defined by the following formula:
  
  
where TSens = max(dRONdT) and VSens = max(dRONdV) define the LPDDR2 temperature and voltage sensitivities.
For example, if TSens = 0.75% / oC, VSens = 0.20% / mV, Tdriftrate = 1 oC / sec and
Vdriftrate = 15 mV / sec, then the interval between ZQCS commands is calculated as
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 56/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com