Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 52 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 52 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 54Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 55Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 56Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 129 page
background image
4.11
Mode Register Read Command
The Mode Register Read command is used to read configuration and status data from mode registers.
The Mode Register Read (MRR) command is initiated by having CS# LOW, CA0 LOW, CA1 LOW, CA2 LOW, and
CA3 HIGH at the rising edge of the clock. The mode register is selected by {CA1f-CA0f, CA9r- CA4r}. The mode
register contents are available on the first data beat of DQ0-DQ7, RL * tCK + tDQSCK + tDQSQ after the rising edge
of the clock where the Mode Register Read Command is issued. Subsequent data beats contain valid, but undefined
content, except in the case of the DQ Calibration function DQC, where subsequent data beats contain valid content as
described in “DQ Calibration”. All DQS, DQS# shall be toggled for the duration of the Mode Register Read burst.
The MRR command has a burst length of four. The Mode Register Read operation (consisting of the MRR command
and the corresponding data traffic) shall not be interrupted. The MRR command period (tMRR) is 2 clock cycles. Mode
Register Reads to reserved and write-only registers shall return valid, but undefined content on all data beats and
DQS, DQS# shall be toggled
Transitioning data
Undefined
CK#
CK
CA[9:0]
CMD
DQS#
DQS
T0
T1
T2
T3
T4
T5
T6
T7
T8
RL = 3
tMRR = 2
tMRR = 2
DOUT
A
DOUT
B
Figure 4.34 — Mode Register Read timing example: RL = 3, tMRR = 2
NOTE 1 Mode Register Read has a burst length of four.
NOTE 2 Mode Register Read operation shall not be interrupted.
NOTE 3 Mode Register data is valid only on DQ[0-7] on the first beat. Subsequent beats contain valid,
but undefined data. DQ[8-max] contain valid, but undefined data for the duration of the MRR burst.
NOTE 4 The Mode Register Command period is tMRR. No command (other than Nop) is allowed during this period.
NOTE 5 Mode Register Reads to DQ Calibration registers MR32 and MR40 are described in
the section on DQ Calibration.
NOTE 6 Minimum Mode Register Read to write latency is RL + RU(tDQSCKmax/tCK) + 4/2 + 1 - WL clock
cycles.
NOTE 7 Minimum Mode Register Read to Mode Register Write latency is RL + RU(tDQSCKmax/tCK) + 4/2 + 1
clock cycles.
The MRR command shall not be issued earlier than BL/2 clock cycles after a prior Read command and WL + 1 +
BL/2 + RU( tWTR/tCK) clock cycles after a prior Write command, because read-bursts and write-bursts shall not be
truncated by MRR. Note that if a read or write burst is truncated with a Burst Terminate (BST) command, the
effective burst length of the truncated burst should be used as “BL.”
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 52/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com