Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4C64M32MD2-25BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 129 page
background image
2. Ball Descriptions and PKG Dimension/Ballout
2.1 Pin Definition and Description
Name
Type
Description
CK, CK#
Input
Clock: CK and CK# are differential clock inputs. All Double Data Rate (DDR) CA inputs are
sampled on both positive and negative edge of CK. Single Data Rate (SDR) inputs, CS#
and CKE, are sampled at the positive Clock edge.
Clock is defined as the differential pair, CK and CK#. The positive Clock edge is defined by
the crosspoint of a rising CK and a falling CK#. The negative Clock edge is defined by the
crosspoint of a falling CK and a rising CK#.
CKE
Input
Clock Enable: CKE HIGH activates and CKE LOW deactivates internal clock signals and
therefore device input buffers and output drivers. Power savings modes are entered and
exited through CKE transitions.
CKE is considered part of the command code. See Command Truth Table for command
code descriptions.
CKE is sampled at the positive Clock edge.
CS#
Input
Chip Select: CS# is considered part of the command code. See Command Truth Table
for command code descriptions.
CS# is sampled at the positive Clock edge.
CA0 - CA9
Input
DDR Command/Address Inputs: Uni-directional command/address bus inputs.
CA is considered part of the command code. See Command Truth Table for command code
descriptions.
DQ0 - DQ15
(x16)
DQ0 - DQ31
(x32)
I/O
Data Inputs/Output: Bi-directional data bus
DQS0,
DQS0#,
DQS1,
DQS1#
(x16)
DQS0 -
DQS3,
DQS0# -
DQS3#
(x32)
I/O
Data Strobe (Bi-directional, Differential): The data strobe is bi-directional (used for read
and write data) and differential (DQS and DQS#). It is output with read data and input with
write data. DQS is edge-aligned to read data and centered with write data.
For x16, DQS0 and DQS0# correspond to the data on DQ0 - DQ7; DQS1 and DQS1# to
the data on DQ8 - DQ15.
For x32 DQS0 and DQS0# correspond to the data on DQ0 - DQ7, DQS1 and
DQS1# to the data on DQ8 - DQ15, DQS2 and DQS2# to the data on DQ16 - DQ23, DQS3
and DQS3# to the data on DQ24 - DQ31.
DM0-DM1
(x16)
DM0 - DM3
(x32)
Input
Input Data Mask: For LPDDR2 devices that do not support the DNV feature, DM is the
input mask signal for write data. Input data is masked when DM is sampled HIGH
coincident with that input data during a Write access. DM is sampled on both edges of
DQS. Although DM is for input only, the DM loading shall match the DQ and DQS (or
DQS#).
DM0 is the input data mask signal for the data on DQ0-7.
For x16 and x32 devices, DM1 is the input data mask signal for the data on DQ8-15.
For x32 devices, DM2 is the input data mask signal for the data on DQ16-23 and DM3 is
the input data mask signal for the data on DQ24-31.
VDD1
Supply
Core Power Supply 1: Core power supply
VDD2
Supply
Core Power Supply 2: Core power supply
VDDCA
Supply
Input Receiver Power Supply: Power supply for CA0-9, CKE, CS#, CK, and CK# input
buffers.
VDDQ
Supply
I/O Power Supply: Power supply for Data input/output buffers.
VREF(CA)
Supply
Reference Voltage for CA Command and Control Input Receiver: Reference voltage for
all CA0-9, CKE, CS#, CK, and CK# input buffers.
VREF(DQ)
Supply
Reference Voltage for DQ Input Receiver: Reference voltage for all Data input buffers
VSS
Supply
Ground
VSSCA
Supply
Ground for Input Receivers
VSSQ
Supply
I/O Ground
ZQ
I/O
Reference Pin for Output Drive Strength Calibration
NOTE : Data includes DQ and DM
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 4/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com