Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 43 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 43 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 44Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 47Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 129 page
background image
4.9 LPDDR2-SX: Refresh command
The Refresh command is initiated by having CS# LOW, CA0 LOW, CA1 LOW, and CA2 HIGH at the rising edge of
clock. Per Bank Refresh is initiated by having CA3 LOW at the rising edge of clock and All Bank Refresh is initiated by
having CA3 HIGH at the rising edge of clock. Per Bank Refresh is only allowed in devices with 8 banks. A Per Bank
Refresh command, REFpb performs a refresh operation to the bank which is scheduled by the bank counter in the
memory device. The bank sequence of Per Bank Refresh is fixed to be a sequential round-robin: “0-1- 2-3-4-5-6-7-0-1-
...”. The bank count is synchronized between the controller and the SDRAM upon issuing a RESET command or at
every exit from self refresh, by resetting bank count to zero. The bank addressing for the Per Bank Refresh count is
the same as established in the single-bank Precharge command (see Table 8 , “Bank selection for Precharge by
address bits”).
A bank must be idle before it can be refreshed. It is the responsibility of the controller to track the bank being refreshed
by the Per Bank Refresh command.
As shown in Table 10, the REFpb command may not be issued to the memory until the following conditions are met:
a) tRFCab has been satisified after the prior REFab command
b) tRFCpb has been satisfied after the prior REFpb command
c) tRP has been satisified after the prior Precharge command to that given bank
tRRD has been satisfied after the prior ACTIVATE command (if applicable, for example after activating a row in a
different bank than affected by the REFpb command).
The target bank is inaccessable during the Per Bank Refresh cycle time (tRFCpb), however other banks within the
device are accessable and may be addressed during the Per Bank Refresh cycle. During the REFpb operation, any of
the banks other than the one being refreshed can be maintained in active state or accessed by a read or a write
command.
When the Per Bank refresh cycle has completed, the affected bank will be in the Idle state.
As shown in Table 10, after issuing REFpb:
a) tRFCpb must be satisified before issuing a REFab command
b) tRFCpb must be satisfied before issuing an ACTIVATE command to the same bank
c) tRRD must be satisified before issuing an ACTIVATE command to a different bank
d) tRFCpb must be satisified before issuing another REFpb command
An All Bank Refresh command, REFab performs a refresh operation to all banks. All banks have to be in Idle state
when REFab is issued (for instance, by Precharge all-bank command). REFab also synchronizes the bank count
between the controller and the SDRAM to zero.
As shown in Table 10, the REFab command may not be issued to the memory until the following conditions have been
met:
a) tRFCab has been satisified after the prior REFab command
b) tRFCpb has been satisified after the prior REFpb command
c) tRP has been satisified after prior Precharge commands
When the All Bank refresh cycle has completed, all banks will be in the Idle state.
As shown in Table 10, after issuing REFab:
a) the tRFCab latency must be satisfied before issuing an ACTIVATE command
b) the tRFCab latency must be satisfied before issuing a REFab or REFpb command.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 43/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com