Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 40 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 40 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 44Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 129 page
background image
Figure 4.23 — LPDDR2-SX: Burst write followed by precharge: WL = 1, BL = 4
4.8.3
LPDDR2-SX: Auto Precharge operation
Before a new row in an active bank can be opened, the active bank must be precharged using either the Precharge command or
the auto-precharge function. When a Read or a Write command is given to the LPDDR2 SDRAM, the AP bit (CA0f) may be set to
allow the active bank to automatically begin precharge at the earliest possible moment during the burst read or write cycle.
If AP is LOW when the Read or Write command is issued, then normal Read or Write burst operation is executed and
the bank remains active at the completion of the burst.
If AP is HIGH when the Read or Write command is issued, then the auto-precharge function is engaged. This feature
allows the precharge operation to be partially or completely hidden during burst read cycles (dependent upon Read or
Write latency) thus improving system performance for random data access.
4.8.3.1
LPDDR2-SX: Burst Read with Auto-Precharge
If AP (CA0f) is HIGH when a Read Command is issued, the Read with Auto-Precharge function is engaged.
LPDDR2-S4 devices start an Auto-Precharge operation on the rising edge of the clock BL/2 or BL/2 - 2 +
RU(tRTP/tCK) clock cycles later than the Read with AP command, whichever is greater. Refer to Table 9 for equations
related to Auto-Precharge for LPDDR2-S4.
A new bank Activate command may be issued to the same bank if both of the following two conditions are satisfied
simultaneously.
The RAS precharge time (tRP) has been satisfied from the clock at which the auto precharge begins.
The RAS cycle time (tRC) from the previous bank activation has been satisfied.
Figure 4.24 — LPDDR2-S4: Burst read with Auto-Precharge:
RL = 3, BL = 4, RU(tRTP(min)/tCK) = 2
4.8.3.2
LPDDR2-SX: Burst write with Auto-Precharge
If AP (CA0f) is HIGH when a Write Command is issued, the Write with Auto-Precharge function is engaged. The
LPDDR2 SDRAM starts an Auto Precharge operation on the rising edge which is tWR cycles after the completion of
the burst write.
A new bank activate (command) may be issued to the same bank if both of the following two conditions are satisfied.
The RAS precharge time (tRP) has been satisfied from the clock at which the auto precharge begins.
The RAS cycle time (tRC) from the previous bank activation has been satisfied.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 40/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com