Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 76 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 76 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 72Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 73Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 74Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 75Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 76Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 77Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 78Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 79Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 80Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 129 page
background image
5. Absolute Maximum Ratings
5.1 Absolute Maximum DC Ratings
Stresses greater than those listed may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
Table 19 — Absolute Maximum DC Ratings
Parameter
Symbol
Min
Max
Unit
Notes
VDD1 supply voltage relative to VSS
VDD1
-0.4
2.3
V
2
VDD2 supply voltage relative to VSS
VDD2
-0.4
1.6
V
2
VDDCA supply voltage relative to VSSCA
VDDCA
-0.4
1.6
V
2,4
VDDQ supply voltage relative to VSSQ
VDDQ
-0.4
1.6
V
2,3
voltage on any ball relative to VSS
VIN, VOUT
-0.4
1.6
V
storage Temperature
TSTG
-55
125
℃
5
NOTE 1 Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability
NOTE 2 See “Power-Ramp” section for relationships between power supplies.
NOTE 3 VREFDQ ≤ 0.6 x VDDQ; however, VREFDQ may be ≥ VDDQ provided that VREFDQ ≤ 300mV.
NOTE 4 VREFCA ≤ 0.6 x VDDCA; however, VREFCA may be ≥ VDDCA provided that VREFCA ≤ 300mV.
NOTE 5 Storage Temperature is the case surface temperature on the center/top side of the LPDDR2 device.
For the measurement conditions, please refer to JESD51-2 standard.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 76/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com