Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4C64M32MD2-25BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
2-2. LPDDR2 SDRAM Addressing
ITEM
2Gb
Device Type
S4B
Number of banks
8
Bank address pins
BA0~BA2
Auto precharge pin
A10/AP
X16
Row addresses
R0-R13
Column addresses
C0-C9
tREFI(µs)
3.9
X32
Row addresses
R0-R13
Column addresses
C0-C8
tREFI(µs)
3.9
NOTE 1. The least-significant column address C0 is not transmitted on the CA bus, and is implied to be zero.
NOTE 2. tREFI values for all bank refresh is Tc = -25~85℃, Tc means Operating Case Temperature.
NOTE 3. Row and Column Address values on the CA bus that are not used are “don’t care.”
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 5/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com