Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 57 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 57 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 54Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 55Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 56Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 57Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 58Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 59Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 60Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 61Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 129 page
background image
.
.
  
  .
   
.
For LPDDR2-S4 devices, a ZQ Calibration command may only be issued when the device is in Idle state with all
banks precharged.
No other activities can be performed on the LPDDR2 data bus during the calibration period (tZQINIT, tZQCL, tZQCS).
The quiet time on the LPDDR2 data bus helps to accurately calibrate RON. There is no required quiet time after the
ZQ Reset command. If multiple devices share a single ZQ Resistor, only one device may be calibrating at any given
time. After calibration is achieved, the LPDDR2 device shall disable the ZQ ball’s current consumption path to reduce
power.
In systems that share the ZQ resistor between devices, the controller must not allow overlap of tZQINIT, tZQCS, or
tZQCL between the devices. ZQ Reset overlap is allowed. If the ZQ resistor is absent from the system, ZQ shall be
connected permanently to VDD2. In this case, the LPDDR2 device shall ignore ZQ calibration commands and the
device will use the default calibration settings ( See “Output Driver DC Electrical Characteristics without ZQ
Calibration”)
Figure 4.40 — ZQ Calibration Initialization timing example
NOTE 1: The ZQ Calibration Initialization period is tZQINIT. No command (other than Nop) is allowed during this period.
NOTE 2: CKE must be continuously registered HIGH during the calibration period.
NOTE 3: All devices connected to the DQ bus should be high impedance during the calibration process.
Figure 4.41 — ZQ Calibration Short timing example
NOTE 1: The ZQ Calibration Short period is tZQCS. No command (other than Nop) is allowed during this period.
NOTE 2: CKE must be continuously registered HIGH during the calibration period.
NOTE 3: All devices connected to the DQ bus should be high impedance during the calibration process.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 57/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com