Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 82 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 82 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 78Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 79Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 80Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 81Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 82Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 83Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 84Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 85Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 86Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 129 page
background image
7.4 AC and DC Logic Input Levels for Differential Signals
7.4.1
Differential signal definition
Figure 7.4 — Definition of differential ac-swing and “time above ac-level” tDVAC
7.4.2
Differential swing requirements for clock (CK - CK#) and strobe (DQS - DQS#)
Table 26 — Differential AC and DC Input Levels
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466
LPDDR2-400 to LPDDR2-200
Unit
Notes
Min
Max
Min
Max
VIHdiff(DC)
Differential input high
2 x (VIH(DC)-
Vref)
Note 3
2 x (VIH(DC)-
Vref)
Note 3
V
1
VILdiff(DC)
Differential input low
Note 3
2 x (VIL(DC)-
Vref)
Note 3
2 x (VIL(DC)-
Vref)
V
1
VIHdiff(AC)
Differential input high ac
2 x (VIH(AC)-
Vref)
Note 3
2 x (VIH(AC)-
Vref)
Note 3
V
2
VILdiff(AC)
Differential input low ac
Note 3
2 x (VIL(AC)-
Vref)
Note 3
2 x (VIL(AC)-
Vref)
V
2
NOTE 1 Used to define a differential signal slew-rate. For CK - CK# use VIH/VIL(dc) of CA and VREFCA ; for DQS - DQS#, use
VIH/VIL(dc) of DQs and VREFDQ; if a reduced dc-high or dc-low level is used for a signal group, then the reduced level applies
also here.
NOTE 2 For CK - CK# use VIH/VIL(ac) of CA and VREFCA; for DQS - DQS#, use VIH/VIL(ac) of DQs and VREFDQ; if a reduced
ac-high or ac-low level is used for a signal group, then the reduced level applies also here
NOTE 3 These values are not defined, however the single-ended signals CK, CK#, DQS, and DQS# need to be within the
respective limits (VIH(dc) max, VIL(dc)min) for single-ended signals as well as the limitations for overshoot and undershoot. Refer
to Overshoot and Undershoot Specifications”
NOTE 4 For CK and CK#, Vref = VrefCA(DC). For DQS and DQS#, Vref = VrefDQ(DC).
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 82/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com