Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 129 page
background image
3. Functional Description
LPDDR2 is a high-speed SDRAM device internally configured as a 8-Bank memory.
These devices contain the following number of bits:
2 Gb has 2,147,483,648 bits
LPDDR2-S4 uses a double data rate architecture on the Command/Address (CA) bus to reduce the number of input
pins in the system. The 10-bit CA bus contains command, address, and Bank information. Each command uses one
clock cycle, during which command information is transferred on both the positive and negative edge of the clock.
LPDDR2-S4 uses a double data rate architecture on the DQ pins to achieve high speed operation. The double data
rate architecture is essentially a 4n prefetch architecture with an interface designed to transfer two data bits per DQ
every clock cycle at the I/O pins. A single read or write access for the LPDDR2-S4 effectively consists of a single 4n-
bit wide, one clock cycle data transfer at the internal SDRAM core and four corresponding n-bit wide, one-half-clock-
cycle data transfers at the I/O pins.
Read and write accesses to the LPDDR2 are burst oriented; accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence.
For LPDDR2-S4 devices, accesses begin with the registration of an Activate command, which is then followed by a
Read or Write command. The address and BA bits registered coincident with the Activate command are used to select
the row and the Bank to be accessed. The address bits registered coincident with the Read or Write command are
used to select the Bank and the starting column location for the burst access.Prior to normal operation, the LPDDR2
must be initialized..
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 8/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com