Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 44 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 44 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 44Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 48Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 129 page
background image
Table 10 – Command Scheduling Separations related to Refresh
Symbol
Minimum delay from
to
Notes
tRFCab
REFab
REFab
Activate cmd to any bank
REFpb
tRFCpb
REFpb
REFab
Activate cmd to same bank as REFpb
REFpb
tRRD
REFpb
Activate cmd to different bank than REFpb
Activate
REfFpb affecting an idle bank (different bank than Activate)
1
Activate cmd to different bank than prior Activate
NOTE 1 A bank must be in the Idle state before it is refreshed. Therefore, after Activate, REFab is now allowed and REFpb is allowed only if it
affects a bank which is in the Idle state.
4.9.1
LPDDR2 SDRAM Refresh Requirements
(1) Minimum number of Refresh commands:
The LPDDR2 SDRAM requires a minimum number of R Refresh (REFab) commands within any rolling Refresh
Window (tREFW = 32 ms @ MR4[2:0] = “011” or Tcase   85 °C). See Table 50 for actual numbers per density. The
resulting average refresh interval (tREFI) is given in Table 50.
See Mode Register 4 for tREFW and tREFI refresh multipliers at different MR4 settings.
For LPDDR2-SDRAM devices supporting Per-Bank-Refresh, a REFab command may be replaced by a full cycle of
eight REFpb commands.
(2) Burst Refresh limitation:
To limit maximum current consumption, a maximum of 8 REFab commands may be issued in any rolling tREFBW
(tREFBW = 4 x 8 x tRFCab). This condition does not apply if REFpb commands are used.
(3) Refresh Requirements and Self-Refresh:
If any time within a refresh window is spent in Self-Refresh Mode, the number of required Refresh commands in this
particular window is reduced to:
R* = R - RU{tSRF / tREFI} = R - RU{R * tSRF / tREFW}; where RU stands for the round-up function.
Figure 4.26 — LPDDR2-SX: Definition of tSRF
Several examples on how to tSRF is calculated:
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 44/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com