Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 87 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 87 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 83Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 84Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 85Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 86Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 87Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 88Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 89Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 90Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 91Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 129 page
background image
8. AC and DC Output Measurement Levels
8.1 Single Ended AC and DC Output Levels
Table 31 shows the output levels used for measurements of single ended signals.
Table 31 — Single-ended AC and DC Output Levels
Symbol
Parameter
LPDDR2-1066
to LPDDR2-200
Unit
Notes
VOH(DC)
DC output high measurement level (for IV curve linearity)
0.9 x VDDQ
V
1
VOH(DC)
DC output low measurement level (for IV curve linearity)
0.1 x VDDQ
V
2
VOH(AC)
AC output high measurement level (for output slew rate)
VREFDQ + 0.12
V
VOH(AC)
AC output low measurement level (for output slew rate)
VREFDQ - 0.12
V
IOZ
Output Leakage Current (DQ, DM, DQS, DQS#)
Min
-5
uA
DQS are disabled ; 0V
≤ VOUT ≤ VDDQ
Max
5
uA
MMPUPD
Delta RON between pull-up and pull-down for DQ/DM
Min
-15
%
Max
15
%
NOTE 1 IOH = -0.1mA.
NOTE 2 IOL = 0.1mA
8.2 Differential AC and DC Output Levels
Table 32 shows the output levels used for measurements of diffential signals (DQS, DQS#).
Table 32 — Differential AC and DC Output Levels
Symbol
Parameter
LPDDR2-800
Unit
Notes
VOHdiff(DC)
AC differential output high measurement level (for output SR)
+0.20 x VDDQ
V
1
VOLdiff(DC)
AC differential output low measurement level (for output SR)
-0.20 x VDDQ
V
2
NOTE 1 IOH = -0.1mA.
NOTE 2 IOL = 0.1mA
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 87/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com