Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 138 page
background image
Rev. 1.10
4�
De�e��e� 1�� �01�
Rev. 1.10
47
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Watchdog Timer
TheWatchdogTimerisprovidedtopreventprogrammalfunctionsorsequencesfromjumpingto
unknownlocations,duetocertainuncontrollableexternaleventssuchaselectricalnoise.
Watchdog Timer Clock Source
TheWatchdogTimerclocksourceisprovidedbytheinternalfLIRCclockwhichissuppliedbythe
LIRCoscillator.TheWatchdogTimersourceclockisthensubdividedbyaratioof28to215togive
longertimeouts,theactualvaluebeingchosenusingtheWS2~WS0bitsintheWDTCregister.
TheLIRCinternaloscillatorhasanapproximatefrequencyof32kHzatasupplyvoltageof5V.
However,itshouldbenotedthatthisspecifiedinternalclockperiodcanvarywithVDD,temperature
andprocessvariations.TheWDTcanbeenabled/disabledusingtheWDTCregister.
Watchdog Timer Control Register
Asingleregister,WDTC,controlstherequiredtimeoutperiodaswellastheenable/disableand
resetMCUoperation.TheWRFsoftwareresetflagwillbeindicatedintheRSTFCregister.These
registerscontroltheoveralloperationoftheWatchdogTimer.
WDTC Register
Bit
7
6
5
4
3
2
1
0
Na�e
WE4
WE�
WE�
WE1
WE0
WS�
WS1
WS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
0
1
1
Bit7~3
WE4 ~ WE0:WDTfunctionsoftwarecontrol
10101:Disable
01010:Enable
Othervalues:ResetMCU
Whenthesebitsarechangedbytheenvironmentalnoiseorsoftwaresettingtoreset
themicrocontroller,theresetoperationwillbeactivatedafter2~3LIRCclockcycles
andtheWRFbitintheRSTFCregisterwillbesetto1.
Bit2~0
WS2 ~ WS0:WDTTime-outperiodselection
000:28/fLIRC
001:29/fLIRC
010:210/fLIRC
011:211/fLIRC(default)
100:212/fLIRC
101:213/fLIRC
110:214/fLIRC
111:215/fLIRC
ThesethreebitsdeterminethedivisionratiooftheWatchdogTimersourececlock,
whichinturndeterminesthetimeoutperiod.
RSTFC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
LVRF
—
WRF
R/W
—
—
—
—
—
R/W
—
R/W
POR
—
—
—
—
—
x
—
0
"x": unknown
Bit7~3
Unimplemented,readas"0"
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com