Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
Rev. 1.10
��
De�e��e� 1�� �01�
Rev. 1.10
��
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Flash Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Forthisdevice
theProgramMemoryareFlashtype,whichmeansitcanbeprogrammedandre-programmed
alargenumberoftimes,allowingtheusertheconvenienceofcodemodificationonthesame
device.Byusingtheappropriateprogrammingtools,thisFlashdeviceoffersuserstheflexibilityto
convenientlydebuganddeveloptheirapplicationswhilealsoofferingameansoffieldprogramming
andupdating.
Structure
TheProgramMemoryhasacapacityof4K×16bits.TheProgramMemoryisaddressedbythe
ProgramCounterandalsocontainsdata,tableinformationandinterruptentries.Tabledata,which
canbesetupinanylocationwithintheProgramMemory,isaddressedbyaseparatetablepointer
register.
000H
Initialisation Ve�to�
004H
0FFFH
1� �its
Inte��upt Ve�to�s
0�CH
0�0H
Program Memory Structure
Special Vectors
WithintheProgramMemory,certainlocationsarereservedfortheresetandinterrupts.Thelocation
000Hisreservedforusebythisdeviceresetforprograminitialisation.Afteradeviceresetis
initiated,theprogramwilljumptothislocationandbeginexecution.
Look-up Table
AnylocationwithintheProgramMemorycanbedefinedasalook-uptablewhereprogrammerscan
storefixeddata.Tousethelook-uptable,thetablepointermustfirstbesetupbyplacingtheaddress
ofthelookupdatatoberetrievedinthetablepointerregister,TBLPandTBHP.Thisregisterdefines
thetotaladdressofthelook-uptable.
Aftersettingupthetablepointer,thetabledatacanberetrievedfromtheProgramMemoryusing
the"TABRD[m]"or"TABRDL[m]"instructions,respectively.Whentheinstructionisexecuted,
thelowerordertablebytefromtheProgramMemorywillbetransferredtotheuserdefined
DataMemoryregister[m]asspecifiedintheinstruction.Thehigherordertabledatabytefrom
theProgramMemorywillbetransferredtotheTBLHspecialregister.Anyunusedbitsinthis
transferredhigherorderbytewillbereadas"0".
Theaccompanyingdiagramillustratestheaddressingdataflowofthelook-uptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com