Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 96 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 96 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 100Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 138 page
background image
Rev. 1.10
9�
De�e��e� 1�� �01�
Rev. 1.10
97
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
SACS3~SACS0bitscandeterminewhichexternalchannelisselected.Iftheinternalanalogsignal
isselectedtobeconverted,theSACS3~SACS0bitsmustbeconfiguredwithavaluefrom1000to
1111toswitchofftheexternalanalogchannelinput.Otherwise,theinternalanalogsignalwillbe
connectedtogetherwiththeexternalchannelinput.Thiswillresultinunpredictablesituations.
SAINS[2:0]
SACS[3:0]
Input Signals
Description
000� 101~111
0000~1000
AN0~AN��Vsense Exte�nal pin analog input
1001~1111
—
Non-existed channel, input is floating
001
1001~1111
VBG
Inte�nal Bandgap �efe�en�e voltage
010
1001~1111
10×IS
10 ti�es Isense input voltage signal
011
1001~1111
VDPVDO
USB D+ inte�nal divide� �egiste�s output voltage
100
1001~1111
VDNVDO
USB D- inte�nal divide� �egiste�s output voltage
A/D Converter Input Signal Selection
Conversion Rate and Timing Diagram
AcompleteA/Dconversioncontainstwoparts,datasamplinganddataconversion.Thedata
samplingwhichisdefinedastADStakes4A/Dclockcyclesandthedataconversiontakes12A/D
clockcycles.Thereforeatotalof16A/DclockcyclesforanexternalinputA/Dconversionwhichis
definedastADCarenecessary.
MaximumsingleA/Dconversionrate=A/Dclockperiod/16
Theaccompanyingdiagramshowsgraphicallythevariousstagesinvolvedinananalogtodigital
conversionprocessanditsassociatedtiming.AfteranA/Dconversionprocesshasbeeninitiated
bytheapplicationprogram,themicrocontrollerinternalhardwarewillbegintocarryoutthe
conversion,duringwhichtimetheprogramcancontinuewithotherfunctions.Thetimetakenforthe
A/Dconversionis16tADCKclockcycleswheretADCKisequaltotheA/Dclockperiod.
ADCEN
START
ADBZ
SACS[�:0]
(SAINS[�:0]=000)
off
on
off
on
tON�ST
tADS
A/D sa�pling ti�e
tADS
A/D sa�pling ti�e
Sta�t of A/D �onve�sion
Sta�t of A/D �onve�sion
Sta�t of A/D �onve�sion
End of A/D
�onve�sion
End of A/D
�onve�sion
tADC
A/D �onve�sion ti�e
tADC
A/D �onve�sion ti�e
tADC
A/D �onve�sion ti�e
0011B
0010B
0000B
0001B
A/D �hannel
swit�h
A/D Conversion Timing – External Channel Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com