Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
Rev. 1.10
9�
De�e��e� 1�� �01�
Rev. 1.10
9�
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
• SADC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
START
ADBZ
ADCEN
ADRFS
SACS�
SACS�
SACS1
SACS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
START:StarttheA/Dconversion
0→1→0:StartA/Dconversion
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
Bit6
ADBZ:A/Dconverterbusyflag
0:A/Dconversionendedornoconversion
1:A/Dconverterisbusy
ThisreadonlyflagisusedtoindicatewhethertheA/Dconversionisinprogressor
not.WhentheSTARTbitissetfromlowtohighandthentolowagain,theADBZflag
willbesetto1toindicatethattheA/Dconversionisinitiated.TheADBZflagwillbe
clearedas0aftertheA/Dconversioniscomplete.
Bit5
ADCEN:A/Dconverterenable/disablecontrol
0:Disable
1:Enable
ThisbitcontrolstheA/Dinternalfunction.Thisbitshouldbesettoonetoenable
theA/Dconverter.Ifthebitissetlow,thentheA/Dconverterwillbeswitchedoff
reducingthedevicepowerconsumption.WhentheA/Dconverterfunctionisdisabled,
thecontentsoftheA/DdataregisterpairknownasSADOHandSADOLwillbe
unchanged.
Bit4
ADRFS:A/Doutputdataformatselectionbit
0:ADCoutputdataformat→SADOH=D[11:4];SADOL=D[3:0]
1:ADCoutputdataformat→SADOH=D[11:8];SADOL=D[7:0]
Thisbitcontrolstheformatofthe12-bitconvertedA/DvalueinthetwoA/Ddata
registers.DetailsareprovidedintheA/Dconverterdataregistersection.
Bit3~0
SACS3~SACS0:ADCinputchannelsselection
0000:ADCinputchannelcomesfromAN0
0001:ADCinputchannelcomesfromAN1
0010:ADCinputchannelcomesfromAN2
0011:ADCinputchannelcomesfromAN3
0100:ADCinputchannelcomesfromAN4
0101:ADCinputchannelcomesfromAN5
0110:ADCinputchannelcomesfromAN6
1000:ADCinputchannelcomesfromVsense
1001~1111:Non-existedchannel,theinputwillbefloatingifselected
• SADC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SAINS�
SAINS1
SAINS0 SAVRS1 SAVRS0 SACKS� SACKS1 SACKS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~5
SAINS2~SAINS0:InternalA/Dconverterinputchannelselectionbit
000:ADCinputonlycomesfromexternalpinanaloginput
001:ADCinputalsocomesfrominternalBandgapreferencevoltage
010:ADCinputalsocomesfrominternal10×IS
011:ADCinputalsocomesfrominternalVDPVDO
100:ADCinputalsocomesfrominternalVDNVDO
Othervalues:sameas000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com