Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
17
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
OVP Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDC
OVP Ope�ating Voltage
—
—
4.�
—
5.5
V
IDDC
OVP Ope�ating Cu��ent
5V
—
—
—
��5
μA
VHYS
Hyste�esis Width
—
—
�0
40
�0
�V
VCM
Input Co��on Mode Range
—
—
VSS
—
VDD-1.4
V
AOL
Co�pa�ato� Open Loop Gain
—
—
�0
80
—
dB
OVPD
Vsense ove� Voltage Dete�tion
5V
—
-�%
�V
+�%
V
OVPRS
OVP Response Ti�e
—
—
—
0.�5
8
�s
Note:TheOVPmoduleisintegragedwithacomparatorandtheinternal3Vvoltageisprovidedtothecomparator
negative.TheOVPDverificationpurposeisthat,whenVsenseismorethan3V,thecomparatoroutputs
highlevel,otherwiselowlevel.
OCP Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDC
OCP Ope�ating Voltage
—
—
4.�
—
5.5
V
IDDC
Co�pa�ato� Ope�ating Cu��ent
5V
—
—
—
�00
μA
VCMPOS
Co�pa�ato� Input Offset Voltage
5V
—
-15
15
�V
VHYS
Hyste�esis Width
—
—
�0
40
�0
�V
VCM
Input Co��on Mode Range
—
—
VSS
—
VDD-1.4
V
AOL
Co�pa�ato� Open Loop Gain
—
—
�0
80
—
dB
OCPRS
OCP Response Ti�e
— VOD=10�V� CL=�pF
—
0.�5
8
�s
Power Good Characteristics
Ta=�5°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Dete�tion Voltage
—
—
-�%
4.�V
+�%
V
IDDC
Powe� Good Ope�ating Cu��ent
5V
—
—
—
85
μA
TPDS
Powe� Good Output Sta�le Ti�e
—
—
1�5
�50
500
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com