Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5R Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 138 page
background image
Rev. 1.10
14
De�e��e� 1�� �01�
Rev. 1.10
15
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
A/D Converter Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.7
—
5.5
V
VADI
Input Voltage
—
—
0
—
VREF
V
VREF
Refe�en�e Voltage
—
—
�
—
VDD
V
DNL
Diffe�ential Nonlinea�ity
�V VREF=VDD� tADCK=0.5μs
—
—
±�
LSB
5V VREF=VDD� tADCK=0.5μs
�V VREF=VDD� tADCK=10μs
5V VREF=VDD� tADCK=10μs
INL
Integ�al Nonlinea�ity
�V VREF=VDD� tADCK=0.5μs
—
—
±4
LSB
5V VREF=VDD� tADCK=0.5μs
�V VREF=VDD� tADCK=10μs
5V VREF=VDD� tADCK=10μs
IADC
Additional Cu��ent fo� ADC Ena�le
�V No load (tADCK=0.5μs)
—
1
�
�A
5V No load (tADCK=0.5μs)
—
1.5
�
�A
tADCK
Clo�k Pe�iod
—
—
0.5
—
10
μs
tON�ST
ADC on to ADC Sta�t
—
—
4
—
—
μs
tADS
Sa�pling Ti�e
—
—
—
4
—
tADCK
tADC
Conve�sion Ti�e
(In�lude ADC Sa�ple and Hold Ti�e)
—
—
—
1�
—
tADCK
LVD&LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
VLVR
—
5.5
V
VLVR
Low Voltage Reset Voltage
— LVR ena�le
- 5%
�.1
+ 5%
V
VLVD
Low Voltage Dete�tion Voltage
— LVD ena�le� voltage sele�t �.0V
- 5%
�.0
+ 5%
V
— LVD ena�le� voltage sele�t �.�V
- 5%
�.�
+ 5%
— LVD ena�le� voltage sele�t �.4V
- 5%
�.4
+ 5%
— LVD ena�le� voltage sele�t �.7V
- 5%
�.7
+ 5%
— LVD ena�le� voltage sele�t �.0V
- 5%
�.0
+ 5%
— LVD ena�le� voltage sele�t �.�V . - 5% �.�
+ 5%
— LVD ena�le� voltage sele�t �.�V
- 5%
�.�
+ 5%
— LVD ena�le� voltage sele�t 4.0V
- 5%
4.0
+ 5%
IOP
Ope�ating Cu��ent
5V LVD ena�le� LVR ena�le�
VBGEN=0
—
�0
�5
μA
5V LVD ena�le� LVR ena�le�
VBGEN=1
—
�00
�00
μA
tLVDS
LVDO Sta�leTi�e
— Fo� LVR ena�le� VBGEN=0�
LVD off → on
—
—
15
μs
— Fo� LVR disa�le� VBGEN=0�
LVD off → on
—
—
150
μs
tLVR
Mini�u� Low Voltage Width to
Reset
—
—
�8
500
�40
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com