| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc |
|
114 / 662 page ![]() Signal Description 5685X Digital Signal Controller User Manual, Rev. 4 4-6 Freescale Semiconductor 4.4 Signal Description A description of the System Integration Module (SIM) signals are shown in Tables 4-1 through Tables 4-6. 4.4.1 SIM Interface Signals Table 4-1. IPBus Signals Name Type Clock Domain Function CLK_IPB Input — Peripheral bus clock RD_DATA_Z Output CLK_IPB Read data (tri-stateable) WR_DATA Input CLK_IPB Write data ADDR Input CLK_IPB R/W address (two LSBs of IPBus Address) RWB Input CLK_IPB Write enable (active low) MODULE_EN Input CLK_IPB Module enable (active low) Table 4-2. Clock Generator Inputs/Outputs Name Type Clock Domain Function CLK_SYS_DRAM Output CLK_MSTR System clock to data RAM with hold off support CLK_SYS_IPBB Output CLK_MSTR System clock to IPBus Bridge with hold off support CLK_SYS_CPUCLK Output CLK_MSTR System clock to 56800E Core with hold off support CLK_CPU_PCLK Output CLK_MSTR Feeds PCLK input on 56800E Core CLK_CPU_NCLK Output CLK_MSTR Feeds NCLK input on 56800E Core CLK_CPU_WCLK Output CLK_MSTR Feeds WRAP_CLK input on 56800E Core CLK_SYS_GENRI Output CLK_MSTR General purpose system clock with hold off support CLK_SYS_GENRI_INV Output CLK_MSTR General purpose system clock with hold off support-inverted CLK_SYS_CONT Output CLK_MSTR Continuous system clock (feeds back into SIM) CLK_PER_CONT Output CLK_MSTR Peripheral bus clock CLK_PER_CONT_INV Output CLK_MSTR Inverted peripheral bus clock CLK_CLKOUT Output CLK_MSTR Output to CLKOUT output pad PCLK_PHASE Output CLK_MSTR Indicates peripheral clock phase (1=address 0=data) HOLD OFF Output CLK_MSTR Indicates at least one hold off control is asserted, used to abort peripheral bus transactions C7WAITST Output CLK_MSTR Indicates to core if it’s system clock is to be stalled for reasons other than a core reset (e.g. a hold off or core_stall) CLK_MSTR Input CLK_MSTR Master input clock from CGM module CLK_OSC Input — Master clock direct from oscillator bypassing CGM module CLK_SCAN Input — Scan mode clock HOLD_DRAM Input — Hold off request from data RAM HOLD_IPBB Input CLK_MSTR Hold off request from IPBus bridge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |