| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 662 page ![]() Signal Description System Integration Module (SIM), Rev. 4 Freescale Semiconductor 4-7 N1CLKEN Input CLK_MSTR NCLK enable signal from 56800E Core JHAWKCORETAP_EN Input CLK_MSTR Re synchronized to CLK_SYS_CONT and used to disable CLK_CPU_PCLK after reset if core tap disabled CORE_STALL Input — Core stall request from SBC for DMA mastership Table 4-3. Reset Generator Inputs/Outputs Name Type Clock Domain Function RST_CORE Output CLK_SYS_CONT Synchronized and extended reset to 56800E Core RST_PERIPH Output CLK_SYS_CONT Synchronized and extended reset to general peripheral logic RST_TOD Output CLK_SYS_CONT Synchronized and extended reset to modules using only power on reset (the TOD and COP modules) RST_CGM Output CLK_OSC Synchronized and extended reset to CGM module RST_PIN Input — Reset request from external reset pin RST_POR Input — Reset request from power-on reset module RST_COP Input — Reset request from COP module Table 4-4. Register Inputs/Outputs Name Type Clock Domain Function MODE_CBA Input — From MODEC, B, A input pads, captured at reset in SIM control register to indicate software boot mode PRAM_DBL Output CLK_IPB Redirect program RAM accesses to external memory IF DRAM_DBL Output CLK_IPB Redirect data RAM accesses to external memory IF STOP_DBL Output CLK_IPB Direct the core to disable the STOP instruction WAIT_DBL Output CLK_IPB Direct the core to disable the WAIT instruction Table 4-5. Power Mode Control Inputs/Outputs Name Type Clock Domain Function STOPMD Output CLK_SYS_CONT Indicates SIM is in Stop mode WAITMD Output CLK_SYS_CONT Indicates SIM is in Wait mode RUNMD Output CLK_SYS_CONT Indicates SIM is in Run mode OSC_LOPWR Output CLK_SYS_CONT Puts oscillator into low power mode configuration during Stop mode PLL_SHUTDOWN Output CLK_SYS_CONT Shuts down PLL and puts it into bypass mode when entering Stop mode P5STOP Input CLK_SYS_CONT Input from Core indicating Stop instruction executed P5WAIT Input CLK_SYS_CONT Input from Core indicating Wait instruction executed INT_PEND Input CLK_SYS_CONT Input from INTC indicating interrupt is pending JTDEBREQ Input CLK_SYS_CONT Input from Core indicating a JTAG debug mode request Table 4-2. Clock Generator Inputs/Outputs (Continued) Name Type Clock Domain Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |