| Electronic Components Datasheet Search |
|
PCD6003 Datasheet(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6003 Datasheet(HTML) 55 Page - NXP Semiconductors |
|
55 / 96 page ![]() 2001 Apr 17 55 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6003 2. Writing MAGP/P2GP is independent of the setting of the P4.3 SFR bit if P4CFG.5 (EAM) is set to logic 1, otherwise (EAM logic 0) P4.3 must be logic 1. 3. The WR/RD pins are always active when doing a MOVX. They can be turned inactive for MOVX below 200H by setting the ARD bit in PCON in case the EAM Bit is set to logic 1. 4. P0/P2 are standard 80C51 ports. An external latch is not needed since the demultiplexing of P0 is taken over by the MA port. 5. The MA/P2/ConfReg registers are part of the auxiliary RAM address space and can be disabled by setting the ARD bit in PCON in case the EAM Bit is set to logic 1. Table 48 External memory control registers Table 49 Configuration Register (ConfReg); reset state 00H 12.1 Supported flash memories Table 50 shows the ports that are available in an application using various flash memories. For all types of flash memory shown in Table 50 (except for the parallel flash memory) at least 34 general purpose I/O pins can be used for the application (display, line interface, keypad and LEDs; for example). P0 can also be used for the application to connect memory mapped peripherals such as an LCD controller or keypad. P0 pins have no output latch, so data written to this port will not remain here. There are many different types of flash memories manufactured, and the PCD6003 will work with many of them. Table 51 explains the most important characteristics of a few of the commercially available flash memories which can be connected to the PCD6003 directly. Table 50 Ports available for the application Note 1. P0 can be used as a data bus for other peripherals if not conflicting with the flash memory. EXTERNAL MEMORY CONTROL REGISTERS ADDRESS P2/P0 (P4.3 = 1, EAM = 0 or ARD = 0, EAM = 1, EA=1) RESET VALUE ACCESS ConfReg 0200H 00H R and W MA 0201H 00H R and W P2 0202H 00H R and W 76543210 −−− P2GP MAGP −−− FLASH MEMORY PORTS USED BY FLASH PORTS AVAILABLE FOR APPLICATION I/O I O I/O I/O O CAD P0 − P4.1, P4.2 and P4.3 P1, P3, P4.0, P4.4 and P4.5 P0(1) MA and P2 SPI/Microwire − P4.4 P4.1, P4.2 and P4.3 P1, P3, P4.0 and P4.5 P0 MA and P2 I2C-bus P1.6 and P1.7 −− P1, P3 and P4 (except P4.3) P0(1) MA, P2 and P4.3 Parallel P0 − MA, P2, P4.0, P4.1, P4.2 and P4.3 P1, P3, P4.4 and P4.5 P0(1) − |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |