Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 77Page - NXP Semiconductors PCD6003 Datasheet HTML 78Page - NXP Semiconductors PCD6003 Datasheet HTML 79Page - NXP Semiconductors PCD6003 Datasheet HTML 80Page - NXP Semiconductors PCD6003 Datasheet HTML 81Page - NXP Semiconductors PCD6003 Datasheet HTML 82Page - NXP Semiconductors PCD6003 Datasheet HTML 83Page - NXP Semiconductors PCD6003 Datasheet HTML 84Page - NXP Semiconductors PCD6003 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
2001 Apr 17
81
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
Notes
1. For the definition of the amplitude units (dB, dBm, dBm0, dBmp, dBm0p) see Section 13.1. All measurements are
performed with chopping switched on (PMTR2 = 04H) and unless mentioned otherwise, all measurements are
performed in RTC mode = 0 (CKCON.6 = 0) and at nominal supply voltage (VDDA = 2.50 V).
2. Maximum sinewave RMS level applied differentially between pins MICP and MICM. The analog-to-digital path gain
for CODEC2 is set to 7 dB (DTCON.1 = 1, DTCON.2 = 0). For larger input levels the output signal will saturate. For
higher analog-to-digital gain settings (including the microphone preamplifier), the maximum RMS input level will
decrease by the same amount as the gain will increase.
3. All input resistances represent the theoretical minimum which can be guaranteed by design. Note that given input
resistance values can vary depending on several conditions as processing, temperature and input signal shape. For
the measurement, the input signal is a 1 kHz sine wave which is AC coupled with a 1
µF capacitor (see Application
example in Fig. 36). The input resistance will increase when others than the noted gains are selected. For detailed
information on input resistances for all gain settings, refer to the PCD6003 application note which is available.
4. The differential resistance is seen between pins MICP and MICM. The minimum resistance will be seen for an
analog-to-digital path gain of 7 dB and will slightly increase for all other gain settings.
5. The common mode resistance is seen between MICP/MICM and VSSA. MICP and MICM are shorted. It corresponds
to RMICVDD ||RMICVSS (see Fig.36). The minimum resistance will be seen for an analog-to-digital path gain of
23/35 dB and will increase for all other gain settings.
6. Maximum sinewave RMS level applied differentially between pins LIFPIN and LIFMIN1/LIFMIN2. VREF is tuned to
2.0 V and the analog-to-digital path gain for CODEC1 is set to 7 dB (CDVC1.3 = 0, DTCON.5 = 0). For larger input
levels the output signal will saturate. For higher analog-to-digital gain settings, the maximum RMS input level will
decrease by the same amount as the gain will increase.
7. The differential resistance is seen between pins LIFPIN and LIFMIN1. The minimum resistance will be seen for an
analog-to-digital path gain of 23/35 dB and will increase for other gain settings.
8. The common mode resistance is seen between LIFPIN/LIFMIN1 and VSSA. LIFPIN and LIFMIN1 are shorted.
It corresponds to RLIF1VDD || RLIF1VSS (see Fig.36). The minimum resistance will be seen for an analog-to-digital path
gain of 7 dB and will increase for other gain settings.
9. The differential resistance is seen between pins LIFPIN and LIFMIN2. The minimum resistance will be seen for an
analog-to-digital path gain of 23/35 dB and will increase for other gain settings.
10. The common mode resistance is seen between LIFPIN/LIFMIN2 and VSSA. LIFPIN and LIFMIN2 are shorted.
It corresponds to RLIF2VDD || RLIF2VSS (see Fig. 36). The minimum resistance will be seen for an analog-to-digital path
gain of 7 dB and will increase for other gain settings.
11. Absolute typical gain for CODEC1 and CODEC2 for gain step 7dB (CDVC1.3 = 0, DTCON.5 = 0 and DTCON.1 = 1),
measured at the DR1/DR2 bitstream interface as defined in Fig.29 using a 1020 Hz sinewave. VREF is tuned to
2.00 V.
12. Absolute typical gain for CODEC1 and CODEC2 for gain step 23 dB (CDVC1.3 = 1, CDVC2.3 = 0 and DTCON.5 = 0,
DTCON.1 = 0), measured at the DR1/DR2 bitstream interface as defined in Fig.29 using a 1020 Hz sinewave. VREF
is tuned to 2.00 V.
∆G(D/A)
delta digital-to-analog path gain from
DT1/DT2 to SPKR or LIFOUT
notes 1 and 27
−1
01dB
F(D/A)(idle)
digital-to-analog idle channel noise
notes 1 and 28
−−89
−80
dBmp
S/(N+THD)(D/A)(0)
digital-to-analog signal-to-(noise + total
harmonic distortion) ratio
notes 1 and 29
−
80
−
dBp
S/(N+THD)(D/A)(−40)
notes 1 and 30
−42
50
−
dBp
td(g)(D/A)
digital-to-analog path group delay
−
500
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com