Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 66Page - NXP Semiconductors PCD6003 Datasheet HTML 67Page - NXP Semiconductors PCD6003 Datasheet HTML 68Page - NXP Semiconductors PCD6003 Datasheet HTML 69Page - NXP Semiconductors PCD6003 Datasheet HTML 70Page - NXP Semiconductors PCD6003 Datasheet HTML 71Page - NXP Semiconductors PCD6003 Datasheet HTML 72Page - NXP Semiconductors PCD6003 Datasheet HTML 73Page - NXP Semiconductors PCD6003 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
2001 Apr 17
70
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
Table 63 Timing parameters in speech mode
Notes
1. Corresponds to the DCK frequency (2.048 MHz) with a 10% margin.
2. Condition CL = 150 pF.
SYMBOL
PARAMETER
MIN.
MAX.
UNITS
td(FSC)
frame sync (FSC) delay time
−tWL
100
ns
tsu(FSC)
frame sync (FSC) set-up time
60
−
ns
tWFH
frame sync (FSC) high time pulse width
130
−
ns
TDCK
data clock (DCK) period
440(1)
−
ns
tWH
data clock (DCK) high time pulse width
150
−
ns
tWL
data clock (DCK) low time pulse width
150
−
ns
td(DC)
output data (DO) to data clock delay time
−
100(2)
ns
tsu(D)
input data (DI) set-up time
60
−
ns
th(D)
input data (DI) hold time
60
−
ns
handbook, full pagewidth
FSC
DCK
DI/DO
FSC
DCK
DO
B7
B7
B6
DI
B2
B1
B0
B5
B4
B3
B6
B7
tW(FH)
TDCK
tsu(FSC)
th(D)
tsu(D)
tWH
tWL
td(FSC)
td(DC)
MGM795
Fig.32 4-wire interface timing in speech mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com