Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 71Page - NXP Semiconductors PCD6003 Datasheet HTML 72Page - NXP Semiconductors PCD6003 Datasheet HTML 73Page - NXP Semiconductors PCD6003 Datasheet HTML 74Page - NXP Semiconductors PCD6003 Datasheet HTML 75Page - NXP Semiconductors PCD6003 Datasheet HTML 76Page - NXP Semiconductors PCD6003 Datasheet HTML 77Page - NXP Semiconductors PCD6003 Datasheet HTML 78Page - NXP Semiconductors PCD6003 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
2001 Apr 17
75
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
16.2.3
PORT 4REGISTER (P4)
The alternative outputs (GPC, FSO, FSK and LE) are connected with the general purpose outputs via an AND gate.
Therefore, when using the alternative functions the corresponding port bits should be set to a logic 1.
Table 73 Port 4 Register (SFR address 98H); bit addressable; reset state 1EHH; note 1
16.2.4
PORT 4CONFIGURATION REGISTER (P4CFG)
This register is used to select the output configuration of the pins WR, RD and P4.0 to P4.4. The output configuration is
open-drain by default after reset. Note that the output configuration of P4.5 is selected by the P4.5 bit in SFR ALTP.
Table 74 Port 4 Configuration Register (SFR address 9FH); reset state 00H
Table 75 Description of P4CFG bits
16.2.5
ALTERNATIVE PORT FUNCTION REGISTER (ALTP)
This register selects the pin configuration for the MSK, IOM master/slave and general purpose function; see Table 77.
The general purpose clock function is described in Section 9.1. The LE functionality is described in Section 10.13.
Table 76 Alternative Port Function Register (SFR address ABH); reset state 00H
Table 77 P3.7, P3.6, P3.1 and P3.0 selection of pin configurations for alternative function
76543210
−−
P4.5/GPC
P4.4/FSI
P4.3
P4.2/FSO
P4.1/FSK
P4.0/LE
76543210
WR
RD
EAM
P4.4
P4.3
P4.2
P4.1
P4.0
BIT
SYMBOL
DESCRIPTION
7
WR
If WR = 0, then open-drain configuration. If WR = 1, then push-pull configuration.
6
RD
If RD = 0, then open-drain configuration. If RD = 1, then push-pull configuration.
5
EAM
The EAM bit is used to select the Enhanced Addressing Mode; this is described in more
detail in Chapter 12.
4
P4.4
If P4.4 = 0, then open-drain configuration. If P4.4 = 1, then push-pull configuration.
3
P4.3
If P4.3 = 0, then open-drain configuration. If P4.3 = 1, then push-pull configuration.
2
P4.2
If P4.2 = 0, then open-drain configuration. If P4.2 = 1, then push-pull configuration.
1
P4.1
If P4.1 = 0, then open-drain configuration. If P4.1 = 1, then push-pull configuration.
0
P4.0
If P4.0 = 0, then open-drain configuration. If P4.0 = 1, then push-pull configuration.
76543210
−
IOM on P3
IOM master/
MSK
P4.5
GPC off/on
GPC source
LE off/on
early LE
ALTP.6
ALTP.5
MODE
0
0
general purpose I/O port
0
1
MSK
1
0
IOM slave
1
1
IOM master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com