Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 60Page - NXP Semiconductors PCD6003 Datasheet HTML 61Page - NXP Semiconductors PCD6003 Datasheet HTML 62Page - NXP Semiconductors PCD6003 Datasheet HTML 63Page - NXP Semiconductors PCD6003 Datasheet HTML 64Page - NXP Semiconductors PCD6003 Datasheet HTML 65Page - NXP Semiconductors PCD6003 Datasheet HTML 66Page - NXP Semiconductors PCD6003 Datasheet HTML 67Page - NXP Semiconductors PCD6003 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
2001 Apr 17
64
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
14 ANALOG VOLTAGE REFERENCE (AVR)
14.1
Bandgap reference
The Analog Voltage Reference circuitry (AVR) includes a
bandgap circuit with a nominal output voltage of about
1.25 V. This voltage is used by the power-on reset block
and by the analog voltage source to generate the
reference voltage VREF.
Block AVR is always on, even in System-off mode, and will
consume only a few
µA of current. The output of AVR is
directly connected to the power-on reset block and it
determines the power-on reset threshold levels accuracy
in first order. The connection from AVR to the analog
voltage source circuitry (AVS, see Section 14.2) is via an
internal series resistor of about 500 k
Ω (typical). The
voltage after this resistor is connected to pin VBGP, which
allows an external capacitor (100 nF) to be connected to
filter out any noise from AVR otherwise entering AVS.
With this configuration the noise at pin VBGP will be about
−115 dBmp. The pin also allows a direct measurement of
the bandgap voltage, but no current must be drawn.
In order to guarantee a correct start-up of the bandgap
voltage under all conditions, a supply voltage ramp test is
performed on each device. The bandgap voltage is
compared against specified values at the indicated times
(see Fig.30). The test setup intends to reflect the worst
case start-up conditions which may occur in an application
(for initial power-up and after short power drop). Note that
trise is critical and should not be greater than indicated in a
given application. Other indicated times (tsettle and trise)
reflect the worst case conditions for the device and
therefore can change in the application.
handbook, full pagewidth
MGT445
tfall
tsettle
trise
t
measure VBGP
VDDA
0 V
0.6 V
2.5 V
tfall = 2 ms
tsettle = 45 ms
trise = 20 ms
Fig.30 Bandgap voltage test setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com