Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 6Page - NXP Semiconductors PCD6003 Datasheet HTML 7Page - NXP Semiconductors PCD6003 Datasheet HTML 8Page - NXP Semiconductors PCD6003 Datasheet HTML 9Page - NXP Semiconductors PCD6003 Datasheet HTML 10Page - NXP Semiconductors PCD6003 Datasheet HTML 11Page - NXP Semiconductors PCD6003 Datasheet HTML 12Page - NXP Semiconductors PCD6003 Datasheet HTML 13Page - NXP Semiconductors PCD6003 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
2001 Apr 17
10
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
7
FUNCTIONAL DESCRIPTION
7.1
Architecture
The PCD6003 architecture is based on an embedded 8-bit
80C51 microcontroller, a Philips ‘REAL’ DSP core, two
high quality AD/DA CODECs and a 32-kbyte ROM
microcontroller memory. Refer to the block diagram in
Chapter 5.
The most important DSP peripherals are the:
• CODECs
• DSP program ROM
• DSP RAM
• IOM interface.
The most important microcontroller peripherals are the:
• Memory Control Block (MCB)
• Watchdog Timer
• General purpose ports
• I2C-bus interface
• MSK block (used for digital data transfer and analogue
cordless applications).
The MCB, through Ports P0, P2, P4 and Memory
Address (MA) can interface to various types of flash
memory including serial, parallel or multiplexed
command/address/data. Most of the peripherals are
controlled via microcontroller special function registers.
The microcontroller initializes and controls the:
• DSP via the DSP to Microcontroller Interface (DMI)
• Speech flash memory via the Memory Control
Block (MCB), and P0/P4 port pins
• Clock and power settings via the Timing and Control
Block (TICB)
• Analog section via its Special Function Registers (SFR).
7.2
I/O summary
All digital I/O for peripherals such as keyboard, display,
line interface and others are handled by the
microcontroller via ports P0, P1, P2, P3, P4, and MA.
Port 2 and MA provide 16 general purpose output-only
lines (not bit-addressable, push-pull, 4 mA) to drive
peripherals. These ports can be used for peripheral control
if EA is logic 1. The 4 mA driving level should be adequate
to drive a low power LED directly if required.
In addition to these 16 output-only lines, 16 general
purpose I/O lines are provided by Ports 1 and 3. Port 1
can handle 5 external interrupts (P1.0 to P1.4) that are
also HIGH/LOW interrupt level programmable. Port 1 also
contains the I2C-bus. Port 3 can handle an additional
2 external interrupts (P3.2 and P3.3) which are active
LOW only. The Timer 0 and Timer 1 inputs are available
on Port 3 as for the standard 80C51. Ports 1 and 3 are
80C51 weak pull-up I/O lines with a 4 mA sink capability,
with the exception of the I2C-bus lines P1.6 and P1.7
which are open-drain. If the P3 alternate port function for
the MSK modem is chosen then the standard I/O is not
available on pins P3.0, P3.1, P3.6 and P3.7.
Port 4 lines are 6 more general purpose I/O. They will be
configured as open-drain after reset. These open-drains
can be connected via pull-up resistors to the telephone
system supply or to the mains AC supply. If a flash
memory with a different supply voltage (VDD_FLASH up
to 3.3 V) is connected, P4.3 can be pulled-up to this
voltage. This is required such that the Chip Enable
Not (CEN) input of a flash device is equal to VDD_FLASH to
reduce the standby power consumption. All other Port 4
pins should not be pulled up to a voltage higher than
VDD_DTAM.
In case a CAD flash is used, P4.4 and P4.5 are free
bit-addressable ports.
All P4 pins also can be configured to push-pull via the
register P4CFG. This brings the total of I/O lines to 38 (of
which 16 are output only).
In case an I2C-bus LCD driver is used, P4.0, at which
a Latch Enable (LE) function is provided for 68xxx family
microcontroller peripherals, is an additional free
bit-addressable open-drain I/O port.
The analog interfacing for the PCD6003 consists of the
analog audio I/O of the 2 CODECs and 2 additional
general purpose analog-to-digital inputs and a general
purpose digital-to-analog output for voltage measurement
and control respectively. Furthermore a stabilized
microphone supply output VMIC is provided which can be
switched on/off for power control.
One audio CODEC is dedicated for the PSTN line
communication (CODEC1). This line CODEC has a
differential low ohmic analog output which consists of
LIFPOUT and LIFMOUT. In case only one of the
differential outputs is used, LIFPOUT should be chosen,
since the Emergency mode DTMF signal is also available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com