Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 74Page - NXP Semiconductors PCD6003 Datasheet HTML 75Page - NXP Semiconductors PCD6003 Datasheet HTML 76Page - NXP Semiconductors PCD6003 Datasheet HTML 77Page - NXP Semiconductors PCD6003 Datasheet HTML 78Page - NXP Semiconductors PCD6003 Datasheet HTML 79Page - NXP Semiconductors PCD6003 Datasheet HTML 80Page - NXP Semiconductors PCD6003 Datasheet HTML 81Page - NXP Semiconductors PCD6003 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
2001 Apr 17
78
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
17.3
Digital I/O
Notes
1. VDD(periph) refers to the peripheral supplies VDD3V2 and VDD3V3.
2. VDD − VOUT = 400 mV (for IOH), VOUT − VSS = 400 mV (for |IOL|).
3. 4 mA drive levels are only guaranteed for VDD3V2/3 greater than 2.7 V.
4. On a LOW-to-HIGH transition, the output current value will be 4 mA for one microcontroller clock period, before
changing to the specified lower value. VDD3Vx =VDDA =VDDPLL = 2.75 V.
5. If the MSK mode is activated, the output current value for P3.0, P3.1 and P3.6 will continuously be 4 mA. If the IOM
Master mode is activated, the output current value for P3.1 and P3.6 will continuously be 4 mA.
6. When configured as push-pull.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VIL
LOW-level input voltage
SDA and SCL
0
0.3VDD3V1
V
other pins
note 1
0
0.2VDD(periph) V
VIH
HIGH-level input voltage
SDA and SCL
0.7VDD3V1
VDD(periph)
V
other pins
note 1
0.8VDD(periph) VDD(periph)
V
|I
OL|
LOW-level output current
notes 2 and 3
RD, WR, PSEN, P0, P1, P2, P3,
P4 and MA
4
−
mA
IOH
HIGH-level output current
notes 2 and 3
RD(6), WR(6), PSEN, P0, P2,
P4(6) and MA
−
mA
P1.0, P1.1, P1.2, P1.3, P1.4,
P1.5 and P3
90(4)(5)
250(4)(5)
µA
Iload
Total static load current on VDD3V2/VDD3V3
−
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com