Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 20Page - NXP Semiconductors PCD6003 Datasheet HTML 21Page - NXP Semiconductors PCD6003 Datasheet HTML 22Page - NXP Semiconductors PCD6003 Datasheet HTML 23Page - NXP Semiconductors PCD6003 Datasheet HTML 24Page - NXP Semiconductors PCD6003 Datasheet HTML 25Page - NXP Semiconductors PCD6003 Datasheet HTML 26Page - NXP Semiconductors PCD6003 Datasheet HTML 27Page - NXP Semiconductors PCD6003 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
2001 Apr 17
24
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
Table 13 Microcontroller register list
NAME
ADDRESS (HEX)
DESCRIPTION
RESET STATE(1)
ACC
E0
accumulator
0000 0000
ALTP
AB
LE and GPC control
X000 0000
A
−
accumulator
0000 0000
B
F0
B register for multiply, divide or scratch
0000 0000
CKCON
9A
Clock Control Register
0000 0000
CDVC1
BB
CODEC digital volume control for CODEC1
00XX 0XXX
CDVC2
BC
CODEC digital volume control for CODEC2
00XX 0XXX
CDTR1
BD
CODEC Test Register 1; see note 1
00XX 0XXX
CDTR2
B7
CODEC Test Register 2; see note 2
00XX 0XXX
DTCON
C7
line selection and alternative gain control register
XX00 X00X
DPL
82
data pointer low
0000 0000
DPH
83
data pointer high
0000 0000
DTM0
A2
DSP to Microcontroller Communication Register 0 (read only)
0000 0000
DTM1
A3
DSP to Microcontroller Communication Register 1 (read only)
0000 0000
DTM2
A4
DSP to Microcontroller Communication Register 2 (read only)
0000 0000
GPADC
C3
automatic analog-to-digital conversion, channel select, request
confirm
XXXX X000
GPADR
C2
digital value of analog input (read only)
0000 0000
GPDAR
C4
digital value of analog output
1000 0000
IEN0
A8
Interrupt Enable Register 0
0000 0000
IEN1
E8
Interrupt Enable Register 1
0000 0000
INTC
C1
Interrupt Control Register
XXXX XX00
IP0
B8
Interrupt Priority Register 0
X000 0000
IP1
F8
Interrupt Priority Register 1
0000 0000
IRQ1
C0
Interrupt Request Flag Register
0000 0000
IX1
E9
Interrupt Polarity Register
XXX0 0000
MCSD
AA
Memory Control Serial Data Register
0000 0000
MCSC
A9
Memory Control Serial Command Register
XXXX 0000
MTD0
A5
microcontroller to DSP communication register 0
0000 0000
MTD1
A6
microcontroller to DSP communication register 1
0000 0000
MTD2
A7
microcontroller to DSP communication register 2
0000 0000
MCON
C8
MSK Control Register
0000 0000
MBUF
C9
MSK Data Buffer Register
XXXX XXXX
MSTAT
CA
MSK Status Register
0X00 0000
P1
90
general purpose digital I/O
1111 1111
P3
B0
general purpose digital I/O
1111 1111
P4
98
P4 can be used to control flash memory
XX01 1110
P4CFG
9F
P4 configuration and addressing mode register
0000 0000
PCON
87
Power and Interrupt Control Register
X000 0000
PMTR1
B5
Power Management Test Register 1; see note 2
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com