Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 73Page - NXP Semiconductors PCD6003 Datasheet HTML 74Page - NXP Semiconductors PCD6003 Datasheet HTML 75Page - NXP Semiconductors PCD6003 Datasheet HTML 76Page - NXP Semiconductors PCD6003 Datasheet HTML 77Page - NXP Semiconductors PCD6003 Datasheet HTML 78Page - NXP Semiconductors PCD6003 Datasheet HTML 79Page - NXP Semiconductors PCD6003 Datasheet HTML 80Page - NXP Semiconductors PCD6003 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
2001 Apr 17
77
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
17.2
Supply characteristics
Notes
1. This defines requirements for the external Power-on reset circuit. The exact requirements can be relaxed depending
on the specific application. A hysteresis is required to overcome reset oscillations especially in battery operated
applications.
2. For these parameters, the recommended external components are specified which are supported by the internal
oscillator. This is not measured on a sample-by-sample basis.
SYMBOL
PARAMETER
CONDITIONS/REMARKS
MIN.
TYP.
MAX.
UNIT
VDD3V1
digital supply voltage to pins
VDD3V1
2.25
2.5
2.75
V
VDD3V2/3
digital supply voltage to pins
VDD3V2 and VDD3V3
voltage must be set equal or higher
than VDD3V1
2.25
3.0
3.3
V
VDDA
analog supply voltage to pin
VDDA
2.25
2.5
2.75
V
VDDPLL
analog supply voltage to pin
VDDPLL
2.25
2.5
2.75
V
IDD(max)
total input current when
recording a message from
PSTN, CAS, line echo
cancellation, listen in on
CODEC2 to all supply pins
PLL on; CODEC1 and CODEC2
active; DSP at 42 MHz; microcontroller
at 21 MHz;
VDD3V1 =VDDA =VDDPLL = 2.75 V;
VDD3V2 =VDD3V3 = 3.30 V; no load
−
28
35
mA
VDD3V1 only
−
22.0
−
mA
VDD3V2 only
no load on port pins
−
0.01
−
mA
VDD3V3 only
no load on port pins
−
0.01
−
mA
VDDA only
−
5.0
−
mA
VDDPLL only
−
0.5
−
mA
IDD(POTS)
POTS mode supply current
to all supply pins
PLL off; DSP only generating DTMF
tones; only CODEC1 D/A on;
microcontroller in power-down;
XTAL runs at 3.58 MHz; PMTR2.0 = 1;
CDTR2.0 = 1;
VDD3Vx =VDDA =VDDPLL = 2.25 V;
no load
−
2.6
3.5
mA
IDD(sys-off)
total input current when in
System-off mode
digital-to-analog part of CODEC1 and
CODEC2 switched-off
−
0.17
0.90
mA
POR (Power-on reset)
Vth(H)
POR threshold value HIGH
note 1
−−
2.2
V
Vth(L)
POR threshold value LOW
note 1
1.8
−−
V
Vhys
POR hysteresis
note 1
0.08
−−
V
OSC
CL(xtal1,2)
crystal load capacitances at
XTAL1 and XTAL2 to VSS
3.45 to 13.824 MHz; note 2
−
18
39
pF
RS
crystal series resistance
3.58 MHz; note 2
−−
300
Ω
13.824 MHz; note 2
−−
40
Ω
CP
crystal shunt capacitance
note 2
−−
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com