Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 5Page - NXP Semiconductors PCD6003 Datasheet HTML 6Page - NXP Semiconductors PCD6003 Datasheet HTML 7Page - NXP Semiconductors PCD6003 Datasheet HTML 8Page - NXP Semiconductors PCD6003 Datasheet HTML 9Page - NXP Semiconductors PCD6003 Datasheet HTML 10Page - NXP Semiconductors PCD6003 Datasheet HTML 11Page - NXP Semiconductors PCD6003 Datasheet HTML 12Page - NXP Semiconductors PCD6003 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
2001 Apr 17
9
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
Note
1. The pin type codes are explained in Section 6.3.
P2.2
75
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
P2.3
76
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
P2.4
77
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
P2.5
78
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
P2.6
79
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
P2.7
80
O
L
ucp4mthuwh
general purpose output, EA = 1; add_high; EA = 0
SYMBOL
PIN
I/O
RESET
STATE
PIN TYPE(1)
DESCRIPTION
6.3
Pin types
6.3.1
POWER SUPPLY PINS
There are 6 different power supply domains (see Fig.3):
• Digital core circuit (2.5 V): VDD3V1/VSS3V1
• Digital periphery circuit (3.0 V): VDD3V2/VSS3V2 and
VDD3V3/VSS3V3
• PLL circuits and crystal oscillator (2.5 V): VDDPLL and
VSSPLL
• Analog circuits (2.5 V): VDDA and VSSA.
All VSS pins must be connected to the same ground plane
on the Printed-Circuit Board (PCB). All 2.5 V VDD pins
must be connected to the same power supply. All VDD pins
have to be separately decoupled, according to Chapter 18.
6.3.2
ANALOG PINS
• ana: full ESD protected analog I/O pad (double
protection diode).
6.3.3
DIGITAL PINS
• ucp4mthuwh: 4 mA 80C51 I/O pins
• uceda4mtuwh: 4 mA 80C51 I/O pins with input enable
• iptd: input pad buffer; pull-down
• ipth: input pad buffer with Schmitt trigger
• ops10c: output pad; push-pull; 4 mA output drive; 10 ns
slew control
• I2C400k: bidirectional open-drain I2C-bus compatible
pad.
handbook, halfpage
MGT429
VDD3V1
VSS3V1
VDD3V2
VSS3V2
VDD3V3
VSS3V3
VDDPLL
VSSPLL
VDDA
VSSA
Fig.3 PCD6003 chip supply rails with protection diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com