Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 10Page - NXP Semiconductors PCD6003 Datasheet HTML 11Page - NXP Semiconductors PCD6003 Datasheet HTML 12Page - NXP Semiconductors PCD6003 Datasheet HTML 13Page - NXP Semiconductors PCD6003 Datasheet HTML 14Page - NXP Semiconductors PCD6003 Datasheet HTML 15Page - NXP Semiconductors PCD6003 Datasheet HTML 16Page - NXP Semiconductors PCD6003 Datasheet HTML 17Page - NXP Semiconductors PCD6003 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
2001 Apr 17
14
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
Table 2
Descriptions and frequency values for signals shown in Fig.4
Notes
1. These values are only valid if the RTC mode bit CKCON.6 has been set according to the PLL_IN frequency used
(see also Table 6).
2. If the IOM Slave mode is activated, these clock signals are synchronized to the externally applied FSC.
3. Proper IOM functionality is only guaranteed at DSP clock frequencies of 28 and 42 MHz. If the IOM Slave mode is
activated, the externally applied DCK and FSC signals are used.
4. These master frequencies do not comply to IOM specification. For 3.58 MHz crystal operation, proper IOM
functionality is therefore only guaranteed in Master mode.
SIGNAL
FUNCTION
VALUE (MHz)
PLL_IN 3.456
PLL_IN 3.580
Microprocessor and DSP clock signals
EMG_CLK
emergency clock
3.456
3.580
CLK_42
DSP selectable clock frequency
41.472
42.960
CLK_28
DSP selectable clock frequency
27.648
28.640
CLK_21
microcontroller selectable clock frequency
20.736
21.480
CLK_14
microcontroller selectable clock frequency
13.824
14.320
CLK_7
DSP and microcontroller selectable clock frequency
6.912
7.160
CLK_1
DSP and microcontroller selectable clock frequency
1.152
1.193
CODEC clock signals
CLK_21
input clock for phase corrected CLK3_OUT
20.736
21.480
CLK3_EMG
EMG_CLK input to CLK_3 multiplexer
3.456
3.580
CLK3_CORR
frequency corrected CODEC clock (24/25
× 3.58 MHz)
−
3.437(1)(2)
CLK3_OUT
phase corrected 3.456 MHz CODEC clock
3.456(1)(2)
−
CLK14_CODEC
input clock for CODECs
13.824
14.320
IOM clock/timing signals
DCKmaster
the IOM master clock signal DCK generated by the TICB
1.536(1)(3)
1.527(1)(3)(4)
FSCmaster
the IOM master frame sync FSC generated by the TICB
8 kHz(1)(3)
7.955 kHz(1)(3)(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com