Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 68Page - NXP Semiconductors PCD6003 Datasheet HTML 69Page - NXP Semiconductors PCD6003 Datasheet HTML 70Page - NXP Semiconductors PCD6003 Datasheet HTML 71Page - NXP Semiconductors PCD6003 Datasheet HTML 72Page - NXP Semiconductors PCD6003 Datasheet HTML 73Page - NXP Semiconductors PCD6003 Datasheet HTML 74Page - NXP Semiconductors PCD6003 Datasheet HTML 75Page - NXP Semiconductors PCD6003 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
2001 Apr 17
72
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
16.1.3
GENERAL PURPOSE DAC
The on-chip DAC is a single channel 8-bit converter. The control of this converter is done via the GPDAR register. The
value written in this register triggers the conversion which will be present at the output pin after the digital-to-analog
conversion cycle (<25
µs). The range from the digital-to-analog output is 0 to 2000 mV (VREF).
The conversion principle for both analog-to-digital and digital-to-analog conversion is shown in Fig.34.
16.1.3.1
General Purpose DAC Register (GPDAR)
Table 67 General Purpose DC A Register (SFR address C4H); reset state 80H
76543210
D/A.7
D/A.6
D/A.5
D/A.4
D/A.3
D/A.2
D/A.1
D/A.0
handbook, full pagewidth
MGM796
VACM
RDAC
VADC
AVS
AAD
SYMOD.4 (MIC supply bit)
VMIC
Vref
DAOUT
AD0IN
AD1IN
VREFR
DCA
GPADC
GPDAR
GPADR
GPADC
(channel
request bit)
VBGP
Fig.33 The architecture of the auxiliary DAC and ADC.
handbook, full pagewidth
MGM797
time
pin GPDAR
represents output
GPADC SFR
has been changed
by the microcontroller
GPADC SFR
has been changed
by the micro
HW resets request bit.
Conversion finished.
Result in GPADR SFR
conversion cycle (
<30 µs)
analog-to-digital conversion
conversion cycle (
<10 µs)
digital-to-analog conversion
Fig.34 Analog-to-digital and digital-to-analog conversion principle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com