Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6003 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 22Page - NXP Semiconductors PCD6003 Datasheet HTML 23Page - NXP Semiconductors PCD6003 Datasheet HTML 24Page - NXP Semiconductors PCD6003 Datasheet HTML 25Page - NXP Semiconductors PCD6003 Datasheet HTML 26Page - NXP Semiconductors PCD6003 Datasheet HTML 27Page - NXP Semiconductors PCD6003 Datasheet HTML 28Page - NXP Semiconductors PCD6003 Datasheet HTML 29Page - NXP Semiconductors PCD6003 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
2001 Apr 17
26
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
10.4
Microcontroller interrupts
The microcontroller has 15 interrupt sources, shown
below, which can be programmed to have a low or high
priority. If enabled these interrupts sources result in jump
to the addresses shown in Table 14.
• EX2 to EX6 asynchronous external interrupts via
P1.0 to P1.4
• EX0 and EX1 asynchronous external interrupts via
P3.2 (INT0N) and P3.3 (INT1N)
• DSP_event
• FS_event
• TIME_event
• I2C-bus interrupt
• RTC_event
• Timer 0 and Timer 1 interrupt
• MSK interrupt.
The external interrupt configuration of P1 is shown in
Fig.9. Pins P1.5, P1.6 and P1.7 cannot be used as
external interrupts. The IX1 SFR determines the polarity of
the external interrupt sources of P1. Clearing the ‘global
enable’ bit in IEN0 disables all interrupt sources. Using
IEN0 (and IEN1) each individual external interrupt can be
enabled or disabled.
The IRQ1 SFR stores all external interrupts. So if an
external interrupt with a low priority is detected during
execution of another (high or low priority) interrupt it will be
handled just after the return of this interrupt.
The interrupt service routine for an external interrupt must
clear the right IRQ1 flag to indicate that it has serviced the
interrupt request. Notice that during the interrupt routine
this flag can be set again immediately after clearing the
IRQ1 flag if the interrupt source is (still) HIGH.
The complete interrupt system is shown in Fig.10. All
15 interrupts are allocated and can be given a low or high
priority according to the setting of IP0 and IP1.
Each interrupt source can be individually enabled by
means of IEN0 and IEN1.
The IRQ1 and IX.7 registers are clocked (a clock which is
active during Idle) and can be set by P1.0 to P1.4, the
TIME_event, the DSP_event, the FS_event and the
RTC_event. These flags can only be cleared by software.
Only TCON.1, TCON.3, TCON.5 and TCON.7 flags are
cleared by the interrupt controller hardware. All other flags
must be cleared by software.
The polling of a potential interrupt goes from a high priority
to a low priority interrupt. Within a high (or low) priority
interrupt level the EX0 (if set to high priority) will be polled
first followed by the next high priority interrupt.
The interrupt SFRs IP0, IP1, IEN0, IEN1, IRQ1 and IX1 are
defined in Sections 10.4.1 to 10.4.6. A flag set to logic 1 in
IP0 or IP1 (Tables 15 and 16) causes the corresponding
interrupt to have high priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com