Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 24 of 39
M × N SPURIOUS PERFORMANCE
Mixer spurious products are measured in dBc from the RF
output power level. Spurious frequencies are calculated by
|(M × IF) + (N × LO) | (for IF Mode)
|(M × IQ) + (N × LO) | (for IQ Mode)
N/A means not applicable. Blank cells in the spurious
performance tables indicate that the frequency is above 50 GHz
and is not measured. REF stands for reference RF output signal.
The LO frequencies are referred from the frequencies applied to
the ADMV1013. IF and I/Q amplitude = −20 dBm.
VCC_DRV = VCC2_DRV = VCC_AMP2 = VCC_ENV =
VCC_AMP1 = VCC_BG2 = VCC_MIXER = VCC_BG =
VCC_QUAD = 3.3 V, DVDD = VCC_VVA = 1.8 V, TA = 25°C,
and set Register 0x0A to 0xE700, unless otherwise noted.
Measurements in IF mode performed with a 90° hybrid,
Register 0x03, Bit 7 = 1, and fIF = 3.5 GHz.
Measurements in I/Q mode are measured as a composite of the
I and Q channel performance, VCM = 0 V, Register 0x03, Bit 7 = 0,
and Register 0x05, Bits[6:0] = 0x051, unless otherwise noted. I/Q
fBB = 100 MHz.
VCTRL1 = VCTRL2. VCTRL is the attenuation voltage at the
VCTRL1 and VCTRL2 pins. VCTRL = 1800 mV, unless otherwise
specified.
I/Q Mode
fBB = 100 MHz at −20 dBm, LO = 6.975 GHz at +6 dBm.
N × LO
0
1
2
3
4
5
6
7
M × IQ
−2
93
105
103
122
79
109
89
108
−1
93
95
85
57
26
65
53
110
0
N/A
80
72
53
20
61
35
73
+1
93
96
74
32
REF
41
37
84
+2
93
107
86
91
57
89
91
83
fBB = 100 MHz at −20 dBm, LO = 9.725 GHz at +6 dBm, and
fRF = 39 GHz.
N × LO
0
1
2
3
4
5
M × IQ
−2
97
116
95
116
89
113
−1
101
100
37
62
26
90
0
N/A
77
40
63
20
77
+1
97
91
18
36
REF
68
+2
101
118
80
99
64
103
IF Mode
fIF = 3.5 GHz at −20 dBm, LO = 6.125 GHz at +6 dBm, and
fRF = 28 GHz.
N × LO
0
1
2
3
4
5
6
7
8
M × IF
−2
76
117
120
109
77
92
90
84
45
−1
68
90
80
77
23
46
56
53
44
0
N/A
71
71
26
9
34
24
20
30
+1
76
92
58
18
REF
24
32
61
+2
68
84
75
70
58
80
82
75
fIF = 3.5 GHz at −20 dBm, LO = 8.875 GHz at +6 dBm, and
fRF = 39 GHz.
N × LO
0
1
2
3
4
5
6
M × IF
−2
83
132
109
96
68
99
107
−1
69
95
76
54
25
57
83
0
N/A
69
44
53
16
52
+1
83
89
24
33
REF
58
+2
69
114
93
98
75
fIF = 3.5 GHz at −20 dBm, LO = 7.875 GHz at +6 dBm, and
fRF = 28 GHz.
N × LO
0
1
2
3
4
5
6
7
M × IF
−2
82
140
115
107
69
99
97
95
−1
65
120
91
41
REF
47
46
0
N/A
82
75
52
23
49
56
+1
82
94
60
70
26
75
+2
65
120
107
111
93
115
fIF = 3.5 GHz at −20 dBm, LO = 10.5 GHz at +6 dBm, and
fRF = 39 GHz.
N × LO
0
1
2
3
4
5
M × IF
−2
96
122
99
91
70
94
−1
80
85
28
26
REF
64
0
N/A
83
34
43
16
+1
97
95
45
49
41
+2
79
113
88
103
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com