Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 35 of 39
REGISTER DETAILS
Address: 0x00, Reset: 0x00A4, Name: SPI_CONTROL
Enable the Parity for Write Execution
Revis ion ID
SPI Soft Res et
Chip ID
0
0
1
0
2
1
3
0
4
0
5
1
6
0
7
1
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15] PARITY_EN (R/W)
[3:0] REVISION (R)
[14] SPI_SOFT_RESET (R/W)
[11:4] CHIP_ID (R)
[13:12] RESERVED
Table 7. Bit Descriptions for SPI_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
15
PARITY_EN
Enable the Parity for Write Execution
0x0
R/W
14
SPI_SOFT_RESET
SPI Soft Reset
0x0
R/W
[13:12]
RESERVED
Reserved
0x0
R
[11:4]
CHIP_ID
Chip ID
0xA
R
[3:0]
REVISION
Revision ID
0x4
R
Address: 0x01, Reset: 0x0000, Name: ALARM
Parity Error
Too Few Errors
Addres s Range Error
Too Many Errors
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15] PARITY_ERROR (R)
[11:0] RESERVED
[14] TOO_FEW_ERRORS (R)
[12] ADDRESS_RANGE_ERROR (R)
[13] TOO_MANY_ERRORS (R)
Table 8. Bit Descriptions for ALARM
Bits
Bit Name
Settings
Description
Reset
Access
15
PARITY_ERROR
Parity Error
0x0
R
14
TOO_FEW_ERRORS
Too Few Errors
0x0
R
13
TOO_MANY_ERRORS
Too Many Errors
0x0
R
12
ADDRESS_RANGE_ERRO
R
Address Range Error
0x0
R
[11:0]
RESERVED
Reserved
0x0
R
Address: 0x02, Reset: 0xFFFF, Name: ALARM_MASKS
Parity Error Mas k
Too Few Errors Mas k
Addres s Range Error Mas k
Too Many Errors Mas k
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
1
10
1
11
1
12
1
13
1
14
1
15
1
[15] PARITY_ERROR_MASK (R/W)
[11:0] RESERVED
[14] TOO_FEW_ERRORS_MASK (R/W)
[12] ADDRESS_RANGE_ERROR_MASK (R/W)
[13] TOO_MANY_ERRORS_MASK (R/W)
Table 9. Bit Descriptions for ALARM_MASKS
Bits
Bit Name
Settings
Description
Reset
Access
15
PARITY_ERROR_MASK
Parity Error Mask
0x1
R/W
14
TOO_FEW_ERRORS_MASK
Too Few Errors Mask
0x1
R/W
13
TOO_MANY_ERRORS_MASK
Too Many Errors Mask
0x1
R/W
12
ADDRESS_RANGE_ERROR_MASK
Address Range Error Mask
0x1
R/W
[11:0]
RESERVED
Reserved
0xFFF
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com