Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 36 of 39
Address: 0x03, Reset: 0x01D7, Name: ENABLE
Power Down the VGA Circuit
Power Down the Mixer Circuit
Enable the Envelope Detector
Power Down the Quad
111: Disable LO Quad Circuit.
0: Enable LO Quad Circuit.
Power Down the Transmitter Band Gap
Enable the IF Mode
0
1
1
1
2
1
3
0
4
1
5
0
6
1
7
1
8
1
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15] VGA_PD (R/W)
[4:0] RESERVED
[14] MIXER_PD (R/W)
[5] DET_EN (R/W)
[13:11] QUAD_PD (R/W)
[6] RESERVED
[10] BG_PD (R/W)
[7] MIXER_IF_EN (R/W)
[9:8] RESERVED
Table 10. Bit Descriptions for ENABLE
Bits
Bit Name
Settings
Description
Reset
Access
15
VGA_PD
Power Down the VGA Circuit
0x0
R/W
14
MIXER_PD
Power Down the Mixer Circuit
0x0
R/W
[13:11]
QUAD_PD
Power Down the Quad
0x0
R/W
000
Enable LO Quad Circuit
111
Disable LO Quad Circuit
10
BG_PD
Power Down the Transmitter Band Gap
0x0
R/W
[9:8]
RESERVED
Reserved
0x0
R
7
MIXER_IF_EN
Enable the IF Mode
0x1
R/W
6
RESERVED
Reserved
0x1
R
5
DET_EN
Enable the Envelope Detector
0x0
R/W
[4:0]
RESERVED
Reserved
0x17
R
Address: 0x05, Reset: 0x5051, Name: LO_AMP_I
Control Mixer Gate Voltage. For 0 V to 1.8
V, MIXER_VGATE = 23.89 x Common-Mode
Voltage +81, and for 1.8 V to 2.6 V, MIXER_VGATE
= 23.75 x Common-Mode Voltage +1.25.
Mixer Image Rejection Calibration
0
1
1
0
2
0
3
0
4
1
5
0
6
1
7
0
8
0
9
0
10
0
11
0
12
1
13
0
14
1
15
0
[15:14] RESERVED
[6:0] MIXER_VGATE (R/W)
[13:7] LOAMP_PH_ADJ_I_FINE (R/W)
Table 11. Bit Descriptions for LO_AMP_I
Bits
Bit Name
Settings
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x1
R
[13:7]
LOAMP_PH_ADJ_I_FINE
Mixer Image Rejection Calibration.
0x20
R/W
[6:0]
MIXER_VGATE
Control Mixer Gate Voltage. For 0 V to 1.8 V, MIXER_VGATE = 23.89 ×
Common-Mode Voltage + 81, and for 1.8 V to 2.6 V, MIXER_VGATE =
23.75 × Common-Mode Voltage + 1.25.
0x51
R/W
Address: 0x06, Reset: 0x5000, Name: LO_AMP_Q
Mixer Im age Rejection Calibration
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
1
13
0
14
1
15
0
[15:14] RESERVED
[6:0] RESERVED
[13:7] LOAMP_PH_ADJ_Q_FINE (R/W)
Table 12. Bit Descriptions for LO_AMP_Q
Bits
Bit Name
Settings
Description
Reset
Access
[15:14]
RESERVED
Reserved
0x1
R
[13:7]
LOAMP_PH_ADJ_Q_FINE
Mixer Image Rejection Calibration
0x20
R/W
[6:0]
RESERVED
Reserved
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com