Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 15 of 39
+85°C UPPER SIDEBAND
+25°C UPPER SIDEBAND
–40°C UPPER SIDEBAND
+85°C LOWER SIDEBAND
+25°C LOWER SIDEBAND
–40°C LOWER SIDEBAND
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
Figure 39. Output IP3 vs. RF Frequency at Maximum Gain for Various
Temperatures, RF Amplitude = −20 dBm per Tone at 20 MHz Spacing,
fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
3.5V UPPER SIDEBAND
3.3V UPPER SIDEBAND
3.1V UPPER SIDEBAND
3.5V LOWER SIDEBAND
3.3V LOWER SIDEBAND
3.1V LOWER SIDEBAND
Figure 40. Output IP3 vs. RF Frequency at Maximum Gain for Various Supply
Voltages, RF Amplitude = −20 dBm per Tone at 20 MHz Spacing,
fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
23
25
27
31
35
39
29
33
37
41
43
45
RF FREQUENCY (GHz)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
+6dBm UPPER SIDEBAND
0dBm UPPER SIDEBAND
–6dBm UPPER SIDEBAND
+6dBm LOWER SIDEBAND
0dBm LOWER SIDEBAND
–6dBm LOWER SIDEBAND
Figure 41. Output IP3 vs. RF Frequency at Maximum Gain for Various
LO Inputs, RF Amplitude = −20 dBm per Tone at 20 MHz Spacing,
fIF = 3.5 GHz (Upper Sideband and Lower Sideband)
0.2
0
0.4
0.6
0.8
1.2
1.6
1.1
1.4
1.8
VCTRL (V)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
–5
5
–10
0
10
15
20
25
Figure 42. Output IP3 vs. VCTRL at fRF = 28 GHz and 39 GHz,
RF Amplitude = −20 dBm per Tone at 20 MHz Spacing, fIF = 3.5 GHz
(Upper Sideband and Lower Sideband)
28
0
10
2
14
18
12
6
4
8
16
20
22
24
26
0.5 1.0
2.5
4.5
6.5
1.5
3.5
5.5
2.0
4.0
6.0
3.0
5.0
7.0
IF FREQUENCY (GHz)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 43. Output IP3 vs. IF Frequency at fRF = 28 GHz and 39 GHz at
Maximum Gain, RF Amplitude = −20 dBm per Tone at 20 MHz Spacing
(Upper Sideband and Lower Sideband)
25
17
16
18
20
17
19
21
22
23
24
–20
–19
–16
–12
–18
–14
–17
–13
–15
–11
–10
TOTAL INPUT POWER (dBm)
39GHz UPPER SIDEBAND
28GHz UPPER SIDEBAND
39GHz LOWER SIDEBAND
28GHz LOWER SIDEBAND
Figure 44. Output IP3 vs. Total Input Power at fRF = 28 GHz and 39 GHz at
20 MHz Spacing, fIF = 3.5 GHz (Upper Sideband and Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com