Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 26 of 39
CARRIER FEEDTHROUGH NULLING
Carrier feedthrough results from minute dc offsets that occur
on the internal mixer. In an I/Q modulator, nonzero differential
offsets mix with the LO and result in carrier feedthrough to the
RF output. In addition to this effect, some of the signal power at
the LO input couples directly to the RF output (this may be
because of the bond wire to bond wire coupling or coupling
through the silicon substrate). The net carrier feedthrough at
the RF output is the vector combination of the signals that appear
at the output because of these two effects.
The ADMV1013 offers, in IF mode, LO feedthrough offset
calibration adjustment in the LO path. Make these adjustments
through the MXER_OFF_ADJ_I_N bits (Register 0x07,
Bits[8:2], the MXER_OFF_ADJ_I_P bits (Register 0x07,
Bits[15:9]), the MXER_OFF_ADJ_Q_N bits (Register 0x08,
Bits[8:2]), and the MXER_OFF_ADJ_Q_P bits (Register 0x08,
Bits[15:9] in order to reject the unwanted LO signal.
For I/Q mode, the LO feedthrough offset amplitude and phase
calibration optimization can be adjusted externally through a
transceiver DAC.
ENVELOPE DETECTOR
The ADMV1013 features an envelope detector with a pseudo
differential voltage output. The envelope detector output pins
are VENV_P and VENV_N. The ADMV1013 turns on with the
envelope detector turned off. To turn on the envelope detector,
set the DET_EN bit (Bit 5, Register 0x03). The differential voltage
output of the envelope detector rises linearly to the square of
the input envelope voltage to the detector. The detector output
ranges from −45 dBm to −20 dBm when the input two tone
power ranges from −20 dBm to 0 dBm. The envelope detector
has 350 MHz, 3 dB envelope bandwidth and 1 GHz, 10 dB
envelope bandwidth. The envelope detector precedes the VVA
and the output driver of the ADMV1013.
POWER DOWN AND RESET
The SPI of the ADMV1013 allows the user to power down the
device circuits and reduce power consumption to typically 77 mW.
To turn off the entire chip, set the BG_PD bit (Register 0x03,
Bit 10) to 1. In addition, individual blocks of the circuit can be
powered down individually. To power down the quadrupler,
set the QUAD_PD bits (Register 0x03, Bits[13:11]) to 0x7. To
power down the VGA, set the VGA_PD bit (Register 0x03,
Bit 15) to 1. To power down the mixer, set the MIXER_PD bit
(Register 0x03, Bit 14) to 1. To power down the detector, set the
DET_EN bit (Register 0x03, Bit 5) to 0.
SERIAL PORT INTERFACE (SPI)
The SPI of the ADMV1013 allows the user to configure the device
for specific functions or operations via a 4-wire SPI port. This
interface provides users with added flexibility and customization.
The SPI consists of four control lines: SCLK, SDI, SDO, and
active low chip select lines, SEN/SEN2. SEN and SEN2 must be
connected together.
The ADMV1013 protocol consists of a write/read bit followed
by six register address bits, 16 data bits, and a parity bit. Both
the address and data fields are organized MSB first and end with
the LSB. For a write, set the first bit to 0. For a read, set the first
bit to 1.
The write cycle sampling must be performed on the rising edge.
The 16 bits of the serial write data are shifted in, MSB to lower
sideband. The ADMV1013 input logic level for the write cycle
supports a 1.8 V interface.
For a read cycle, up to 16 bits of serial read data are shifted out,
MSB first. After the 16 bits of data shift out, the parity bit shifts
out. The output logic level for a read cycle is 1.8 V.
The parity bit always follows the direction of the data. If parity
is not used, the transmitting end transmits zero instead of parity.
The parity is odd, which means that the total number of ones
transmitted during a command, including the read/write bit,
the address bit, the data bit, and the parity bit, must be odd.
Figure 82 and Figure 83 show the SPI write and read protocol,
respectively.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
SCLK
SDI
D11
R/W
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
P
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SEN/SEN2
Figure 82. SPI Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com