Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 37 of 39
Address: 0x07, Reset: 0xFFFC, Name: OFFSET_ADJUST_I
LO Feedthrough Offs et Calibration
I Pos itive for IF Mode
LO Feedthrough Offs et Calibration
I Negative for IF Mode
0
0
1
0
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
1
10
1
11
1
12
1
13
1
14
1
15
1
[15:9] MXER_OFF_ADJ_I_P (R/W)
[1:0] RESERVED
[8:2] MXER_OFF_ADJ_I_N (R/W)
Table 13. Bit Descriptions for OFFSET_ADJUST_I
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
MXER_OFF_ADJ_I_P
LO Feedthrough Offset Calibration I Positive for IF Mode
0x7F
R/W
[8:2]
MXER_OFF_ADJ_I_N
LO Feedthrough Offset Calibration I Negative for IF Mode
0x7F
R/W
[1:0]
RESERVED
Reserved
0x0
R
Address: 0x08, Reset: 0xFFFC, Name: OFFSET_ADJUST_Q
LO Feedthrough Offs et Calibration
Q Pos itive for IF Mode
LO Feedthrough Offs et Calibration
Q Negative for IF Mode
0
0
1
0
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
1
10
1
11
1
12
1
13
1
14
1
15
1
[15:9] MXER_OFF_ADJ_Q_P (R/W)
[1:0] RESERVED
[8:2] MXER_OFF_ADJ_Q_N (R/W)
Table 14. Bit Descriptions for OFFSET_ADJUST_Q
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
MXER_OFF_ADJ_Q_P
LO Feedthrough Offset Calibration Q Positive for IF Mode
0x7F
R/W
[8:2]
MXER_OFF_ADJ_Q_N
LO Feedthrough Offset Calibration Q Negative for IF Mode
0x7F
R/W
[1:0]
RESERVED
Reserved
0x0
R
Address: 0x09, Reset: 0x5700, Name: QUAD
LO Filters Bandwidth Selection
1111: LO Frequency Bandwidth: 5.4 GHz to 7 GHz.
1010: LO Frequency Bandwidth: 5.4 GHz to 8 GHz.
0101:
GHz.
LO Frequency Bandwidth: 6.6 GHz to 9.2
0000:
GHz.
LO Frequency Bandwidth: 8.62 GHz to 10.25
Switch Differential/Single-Ended Modes
1100: Differential Mode.
1001: Single Ended Mode, P Side Disable.
0110: Single Ended Mode, N Side Disable.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
1
9
1
10
1
11
0
12
1
13
0
14
1
15
0
[15:10] RESERVED
[3:0] QUAD_FILTERS (R/W)
[9:6] QUAD_SE_MODE (R/W)
[5:4] RESERVED
Table 15. Bit Descriptions for QUAD
Bits
Bit Name
Settings
Description
Reset
Access
[15:10]
RESERVED
Reserved.
0x15
R
[9:6]
QUAD_SE_MODE
Switch Differential/Single-Ended Modes.
0xC
R/W
0110
Single-Ended Mode, Negative Side Disable.
1001
Single-Ended Mode, Positive Side Disable.
1100
Differential Mode.
[5:4]
RESERVED
Reserved.
0x0
R
[3:0]
QUAD_FILTERS
LO Filters Bandwidth Selection.
0x0
R/W
0000
LO Frequency Bandwidth: 8.62 GHz to 10.25 GHz.
0101
LO Frequency Bandwidth: 6.6 GHz to 9.2 GHz.
1010
LO Frequency Bandwidth: 5.4 GHz to 8 GHz.
1111
LO Frequency Bandwidth: 5.4 GHz to 7 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com