Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 31 of 39
PERFORMANCE ACROSS COMMON-MODE
VOLTAGE IN I/Q MODE
Figure 96, Figure 97, and Figure 98 show the performance at
various common-mode voltages in I/Q mode. For each
common-mode voltage, the mixer gate voltage was changed
based on the equation described in the Baseband Quadrature
Modulation (I/Q Mode) section.
0
5
10
15
20
25
30
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0V
0.4V
1.0V
1.2V
1.4V
1.8V
2.0V
2.4V
2.6V
Figure 96. Conversion Gain vs. RF Frequency at Multiple Common-Mode
Voltages in I/Q Mode (fBB = 100 MHz, LO = 0 dBm, TA = 25°C)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0V
0.4V
1.0V
1.2V
1.4V
1.8V
2.0V
2.4V
2.6V
Figure 97. Output IP3 vs. RF Frequency at Multiple Common-Mode Voltages
in I/Q Mode (fBB = 100 MHz, LO = 0 dBm, TA = 25°C)
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
0V
0.2V
0.4V
0.6V
0.8V
1.0V
1.2V
1.4V
1.6V
1.8V
2.0V
2.2V
2.4V
2.6V
Figure 98. Output P1dB vs. RF Frequency at Multiple Common-Mode
Voltages in I/Q Mode (fBB = 100 MHz, LO = 0 dBm, TA = 25°C)
OPERATING VCTRL1 AND VCTRL2 INDEPENDENTLY
The data shown in the Specifications section and the Typical
Performance Characteristics section is based on the VCTRL1
and VCTRL2 voltages being equal. Finer gain regulation can be
obtained if VCTRL1 and VCTRL2 are used separately. Operating
VCTRL1 and VCTRL2 also allows either maintaining IP3 or
noise figure performance while attenuating the RF output.
Figure 99, Figure 102, and Figure 105 show the conversion gain,
input IP3, and noise figure vs. the RF frequency, respectively (IF =
2 GHz, upper sideband, LO = 0 dBm at TA = 25°C), when
VCTRL1 is equal to VCTRL2.
Figure 100, Figure 103, and Figure 106 show the conversion
gain, input IP3, and noise figure vs. the RF frequency, respectively
(IF = 2 GHz, upper sideband, LO = 0 dBm at TA = 25°C), when
VCTRL2 is held at a minimum attenuation and VCTRL1 is
changed.
Figure 101, Figure 104, and Figure 107 show the conversion
gain, input IP3, and noise figure vs. the RF frequency, respectively
(IF = 2 GHz, upper sideband, LO = 0 dBm at TA = 25°C), when
VCTRL1 is held at minimum attenuation and VCTRL2
is changed.
–40
–50
–60
–30
–20
–10
0
10
20
30
VCTRL1 = 0V, VCTRL2 = 0V
VCTRL1 = 0.1V, VCTRL2 = 0.1V
VCTRL1 = 0.2V, VCTRL2 = 0.2V
VCTRL1 = 0.3V, VCTRL2 = 0.3V
VCTRL1 = 0.4V, VCTRL2 = 0.4V
VCTRL1 = 0.5V, VCTRL2 = 0.5V
VCTRL1 = 0.6V, VCTRL2 = 0.6V
VCTRL1 = 0.7V, VCTRL2 = 0.7V
VCTRL1 = 0.8V, VCTRL2 = 0.8V
VCTRL1 = 0.9V, VCTRL2 = 0.9V
VCTRL1 = 1.0V, VCTRL2 = 1.0V
VCTRL1 = 1.1V, VCTRL2 = 1.1V
VCTRL1 = 1.2V, VCTRL2 = 1.2V
VCTRL1 = 1.3V, VCTRL2 = 1.3V
VCTRL1 = 1.4V, VCTRL2 = 1.4V
VCTRL1 = 1.5V, VCTRL2 = 1.5V
VCTRL1 = 1.6V, VCTRL2 = 1.6V
VCTRL1 = 1.7V, VCTRL2 = 1.7V
VCTRL1 = 1.8V, VCTRL2 = 1.8V
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
Figure 99. Conversion Gain vs. RF Frequency at Various VCTRL Voltages
(VCTRL1 = VCTRL2), IF Mode, IF Frequency = 2 GHz, Upper Sideband
–40
–30
–20
–10
0
10
20
30
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
VCTRL1 = 0V
VCTRL1 = 0.1V
VCTRL1 = 0.2V
VCTRL1 = 0.3V
VCTRL1 = 0.4V
VCTRL1 = 0.5V
VCTRL1 = 0.6V
VCTRL1 = 0.7V
VCTRL1 = 0.8V
VCTRL1 = 0.9V
VCTRL1 = 1.0V
VCTRL1 = 1.1V
VCTRL1 = 1.2V
VCTRL1 = 1.3V
VCTRL1 = 1.4V
VCTRL1 = 1.5V
VCTRL1 = 1.6V
VCTRL1 = 1.7V
VCTRL1 = 1.8V
Figure 100. Conversion Gain vs. RF Frequency at Various VCTRL1 Voltages
(VCTRL2 = 1.8 V), IF Mode, IF Frequency = 2 GHz, Upper Sideband



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com