Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 22 of 39
0
–105
–80
–100
–60
–70
–90
–50
–40
–20
–30
–10
–75
–95
–55
–65
–85
–45
–35
–15
–25
–5
4
6
8
10
12
LO FREQUENCY (GHz)
1× LO AT +85°C
1× LO AT +25°C
1× LO AT –40°C
4× LO AT +85°C
4× LO AT +25°C
4× LO AT –40°C
5× LO AT +85°C
5× LO AT +25°C
5× LO AT –40°C
Figure 72. LO to RF Leakage vs. LO Frequency for 4× LO, 5× LO, and 1× LO at
Various Temperatures (Uncalibrated)
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
1× LO LEAKAGE, VCTRL = 0mV
1× LO LEAKAGE, VCTRL = 300mV
1× LO LEAKAGE, VCTRL = 600mV
1× LO LEAKAGE, VCTRL = 900mV
1× LO LEAKAGE, VCTRL = 1200mV
1× LO LEAKAGE, VCTRL = 1500mV
1× LO LEAKAGE, VCTRL = 1800mV
Figure 73. 1× LO Leakage vs. LO Frequency at Different VCTRL Settings
(Uncalibrated)
80
–70
–60
–50
–40
–30
–20
–10
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 74. 4× LO to RF Leakage vs. LO Frequency at Various Temperatures
(Calibrated). Note: Calibrated at Each Frequency Using MXER_OFF_ADJ_I_N,
MXER_OFF_ADJ_I_P, MXER_OFF_ADJ_Q_N, and MXER_OFF_ADJ_Q_P Bits
at TA = 25°C
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
5× LO LEAKAGE, VCTRL = 0mV
5× LO LEAKAGE, VCTRL = 300mV
5× LO LEAKAGE, VCTRL = 600mV
5× LO LEAKAGE, VCTRL = 900mV
5× LO LEAKAGE, VCTRL = 1200mV
5× LO LEAKAGE, VCTRL = 1500mV
5× LO LEAKAGE, VCTRL = 1800mV
Figure 75. 5× LO Leakage vs. LO Frequency at Different VCTRL Settings
(Uncalibrated)
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
4× LO LEAKAGE, VCTRL = 0mV
4× LO LEAKAGE, VCTRL = 300mV
4× LO LEAKAGE, VCTRL = 600mV
4× LO LEAKAGE, VCTRL = 900mV
4× LO LEAKAGE, VCTRL = 1200mV
4× LO LEAKAGE, VCTRL = 1500mV
4× LO LEAKAGE, VCTRL = 1800mV
Figure 76. 4× LO Leakage vs. LO Frequency at Different VCTRL Settings
(Uncalibrated)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
VCTRL = 0V
VCTRL = 0.4V
VCTRL = 0.8V
VCTRL = 1.2V
VCTRL = 1.4V
VCTRL = 1.8V
Figure 77. 4× LO to RF Leakage vs. LO Frequency at Various VCTRL (Calibrated)
Note: Calibrated at Each Frequency Using MXER_OFF_ADJ_I_N,
MXER_OFF_ADJ_I_P, MXER_OFF_ADJ_Q_N, and MXER_OFF_ADJ_Q_P Bits
at VCTRL = 1800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com