Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 23 of 39
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
+25°C, I_N
–40°C, I_N
+85°C, I_N
+25°C, I_P
–40°C, I_P
+85°C, I_P
+25°C, Q_N
–40°C, Q_N
+85°C, Q_N
+25°C, Q_P
–40°C, Q_P
+85°C, Q_P
Figure 78. LO Leakage vs. LO Frequency at Various Temperatures at I_N, I_P,
Q_N, and Q_P (Taken Without Hybrid(s))
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 79. Envelope Detector Differential Return Loss vs. Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
4
5
6
7
8
9
10
11
12
LO FREQUENCY (GHz)
+25°C, IF_I
–40°C, IF_I
+85°C, IF_I
+25°C, IF_Q
–40°C, IF_Q
+85°C, IF_Q
Figure 80. LO Leakage vs. LO Frequency at Various Temperatures at IF_I and
IF_Q Ports(Taken Without Hybrid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com