Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 28 of 39
APPLICATIONS INFORMATION
BASEBAND QUADRATURE MODULATION FROM
LOW FREQUENCIES
Figure 84 shows the I/Q mode performance at low baseband
input frequencies. The measurements were performed at 28 GHz,
−10 dBm input power, VCM = 0 V, Register 0x03, Bit 7 = 0, 0 dBm
LO input power, and TA = 25°C.
0
5
10
15
20
25
30
35
40
45
1
10
100
1k
10k
100k
1M
10M
100M
BASEBAND FREQUENCY (Hz)
SIDEBAND REJECTION
CONVERSION GAIN
Figure 84. Conversion Gain and Sideband Rejection vs. Baseband Frequency
PERFORMANCE AT DIFFERENT QUAD FILTER
SETTINGS
Figure 85 shows the conversion gain vs. RF frequency in
IF mode at TA = 25°C and LO input power = 0 dBm for
different QUAD_FILTERS settings.
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
16
18
20
22
24
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
QUAD FILTERS = 0
QUAD FILTERS = 5
QUAD FILTERS = 10
QUAD FILTERS = 15
Figure 85. Conversion Gain vs. RF Frequency for Four Different
QUAD_FILTERS Settings, fIF = 3.5 GHz (Upper Sideband)
Figure 86 shows the 4× LO to RF leakage vs. 4× LO frequency at
different quad filter settings.
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48
4× LO FREQUENCY (GHz)
QUAD FILTERS = 0
QUAD FILTERS = 5
QUAD FILTERS = 10
QUAD FILTERS = 15
Figure 86.4× LO to RF Leakage vs. 4× LO Frequency for Four Different
QUAD_FILTERS Settings
VVA TEMPERATURE COMPENSATION
Figure 87 shows the conversion gain vs. RF frequency at two
different Register 0x0A settings, the recommended setting
(0xE700) and a setting for higher gain, and three different
temperatures for IF mode. The recommended value suggested
in the Start-Up Sequence section provides the least variation in
conversion gain over temperature. If the priority is to increase
the conversion gain, Register 0x0A can be set to 0xFA00.
However, at this value, the conversion gain variation over
temperature can increase by 2 dB.
0
2
4
6
8
10
12
14
16
18
20
22
24
26
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
–40°C, 0xFA00
+25°C, 0xFA00
+85°C, 0xFA00
–40°C, 0xE700
+25°C, 0xE700
+85°C, 0xE700
Figure 87. Conversion Gain vs. RF Frequency at Maximum Gain for
Various Temperatures and Register 0x0A Settings (Recommended and
Higher Gain Setting), fIF = 3.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com