Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 25 of 39
THEORY OF OPERATION
The ADMV1013 is a wideband microwave upconverter optimized
for microwave radio designs operating in the 24 GHz to 44 GHz
RF frequency range. See Figure 1 for a functional block diagram
of the device. The ADMV1013 digital settings are controlled via the
SPI. The ADMV1013 has two modes of operation:
•
Baseband quadrature modulation (I/Q mode)
•
Single-sideband upconversion (IF mode)
START-UP SEQUENCE
To use the voltage control RF VVA1 and RF VVA2, the
VCC_VVA (1.8 V) supply must be on. The VCTRL1 pin and
VCTRL2 pin control the gain of the RF VVA1 and the RF
VVA2. Similarly, to use the SPI control, it is necessary to first
turn on DVDD and then perform a hard reset by toggling the
RST pin to logic low and then to logic high.
The ADMV1013 SPI settings require the default settings to be
changed during startup for optimum performance.
Set Register 0x0A to 0xE700 after each power-up or reset.
BASEBAND QUADRATURE MODULATION
(I/Q MODE)
In I/Q mode, the input impedance of the baseband pins (I_P,
I_N, Q_P, and Q_N) are 100 Ω differential. These inputs can be
loaded with a dc-coupled 100 Ω differential load. I_P and I_N
are the differential baseband I inputs, and Q_P and Q_N are the
differential baseband Q inputs. These inputs can operate from a
VCM of 0 V to 2.6 V. The baseband I/Q ports can operate from
dc to 6.0 GHz at each I and Q channel.
To set the ADMV1013 in I/Q mode, set MIXER_IF_EN bit
(Register 0x03, Bit 7) to 0.
When changing the external VCM, the internal mixer gate
voltage also must be changed. To make this change, set the
MIXER_VGATE bits (Register 0x05, Bits[6:0]). The MIXER_
VGATE value follows the VCM such as, that for a 0 V to 1.8 V
VCM, MIXER_VGATE = 23.89 VCM + 81, and for a >1.8 V to
2.6 V VCM, MIXER_VGATE = 23.75 VCM + 1.25.
SINGLE-SIDEBAND UPCONVERSION (IF MODE)
The ADMV1013 features the ability to upconvert a real IF input
anywhere from 0.8 GHz to 6.0 GHz while suppressing the
unwanted sideband by typically better than 26 dBc. The IF
inputs are quadrature to each other, 50 Ω single ended, and are
internally dc-coupled. IF_I and IF_Q are the quadrature IF inputs.
An external 90° hybrid is required to select the appropriate
sideband. To configure the ADMV1013 in IF mode, set the
MIXER_IF_EN bit (Register 0x03, Bit 7) to 1. The MIXER_IF_EN
bit defaults to IF mode on SPI startup and reset.
In addition, the baseband pins (I_P, I_N, Q_P, and Q_N) must
see an open load for optimum performance in IF mode.
LO INPUT PATH
The LO input path operates from 5.4 GHz to 10.25 GHz with
an LO amplitude range of −6 dBm to +6 dBm. The LO has an
internal quadrupler (×4) and a programmable band-pass filter.
The LO band-pass filter is programmable using the QUAD_
FILTERS bits (Register 0x09, Bits[3:0]). See the Performance at
Different Quad Filter Settings section for more information on
the QUAD_FILTERS settings.
The LO path can operate either differentially or single ended.
LOP and LON are the inputs to the LO path. The LO path can
switch from differential to single-ended operation by setting the
QUAD_SE_MODE bits (Register 0x09, Bits[9:6]). See the
Performance Between Differential vs. Single-Ended LO Input
section for more information. When using the LO as single
ended, the unused LO input pin must be terminated with a
50 Ω load.
Figure 81 shows a block diagram of the LO path.
AMP
4 × LON
4 × LOP
LON
LOP
×4
Figure 81. LO Path Block Diagram
Enable the quadrupler by setting the QUAD_PD bits
(Register 0x03, Bits[13:11]) to 0x0. To power down the
quadrupler, set these bits to 0x7.
SIDEBAND SUPPRESSION OPTIMIZATION
Unwanted sideband can be upconverted from the quadrature
error by generating the quadrature LO signals and the external
quadrature inputs. Deviation from ideal quadrature (that is,
total sideband rejection and no sideband tone upconverts) on
these signals limits the amount of achievable sideband rejection.
The ADMV1013 offers approximately 25° of quadrature phase
adjustment in the LO path quadrature signals to suppress the
sideband. Make these adjustments through the LOAMP_PH_
ADJ_I_FINE bits (Register 0x05, Bits[13:7]) and the LOAMP_
PH_ADJ_Q_FINE bits (Register 0x06, Bits[13:7]). These bits
reject the unwanted sideband signal. To achieve the required
sideband suppression, it may be necessary to adjust the
amplitude difference between the quadrature inputs, as well
externally.
In I/Q mode, the recommendation is to adjust the sideband
suppression through the external transceiver digital-to-analog
converter (DAC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com