Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
ADMV1013
Data Sheet
Rev. A | Page 30 of 39
PERFORMANCE ACROSS RF FREQUENCY AT FIXED
INPUT FREQUENCIES
The ADMV1013 quadrupler operates from 21.6 GHz to 41 GHz.
When using the lower sideband, the conversion gain starts
rolling off gradually after the quadrupler frequency reaches
41 GHz. When using the upper sideband, the conversion gain
starts rolling off when the quadrupler frequency is 21.6 GHz.
Figure 92 and Figure 93 show the conversion gain vs. RF frequency
in IF mode for fixed IF frequencies (TA = 25°C, LO = 0 dBm) for
the upper sideband and lower sideband, respectively.
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0.8GHz UPPER SIDEBAND
1GHz UPPER SIDEBAND
2GHz UPPER SIDEBAND
3GHz UPPER SIDEBAND
4GHz UPPER SIDEBAND
5GHz UPPER SIDEBAND
6GHz UPPER SIDEBAND
7GHz UPPER SIDEBAND
Figure 92. Conversion Gain vs. RF Frequency for Multiple IF Frequency
Settings (Upper Sideband)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
0.8GHz LOWER SIDEBAND
1GHz LOWER SIDEBAND
2GHz LOWER SIDEBAND
3GHz LOWER SIDEBAND
4GHz LOWER SIDEBAND
5GHz LOWER SIDEBAND
6GHz LOWER SIDEBAND
7GHz LOWER SIDEBAND
Figure 93. Conversion Gain vs. RF Frequency at Multiple IF Frequency
Settings (Lower Sideband)
Figure 94 and Figure 95 show the conversion gain vs. RF
frequency in I/Q mode for multiple baseband (BB) frequencies
(TA = 25°C, LO = 0 dBm) for upper sideband and lower
sideband, respectively.
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
I/Q, 0.8GHz
I/Q, 1GHz
I/Q, 2GHz
I/Q, 3GHz
I/Q, 4GHz
I/Q, 5GHz
I/Q, 6GHz
Figure 94. Conversion Gain vs. RF Frequency for Multiple Baseband
Frequency Settings (Upper Sideband)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
I/Q, 0.8GHz
I/Q, 1GHz
I/Q, 2GHz
I/Q, 3GHz
I/Q, 4GHz
I/Q, 5GHz
I/Q, 6GHz
Figure 95. Conversion Gain vs. RF Frequency at Multiple Baseband Frequency
Settings (Lower Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com