Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1013ACCZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADMV1013ACCZ-R7
Description  Wideband, Microwave Upconverter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1013ACCZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADMV1013ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1013ACCZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
ADMV1013
Rev. A | Page 29 of 39
Figure 88 shows the conversion gain vs. RF frequency at two
different Register 0x0A settings, the recommended setting and
the default setting, and three different temperatures for IF mode.
The default values provides slightly less gain and a larger gain
variation across temperature compared to the recommended
setting.
0
2
4
6
8
10
12
14
16
18
20
22
24
28
26
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
–40°C, 0xE700
+25°C, 0xE700
+85°C, 0xE700
–40°C, 0x0000
+25°C, 0x0000
+85°C, 0x0000
Figure 88. Conversion Gain vs. RF Frequency at Maximum Gain for
Various Temperatures and Register 0x0A Settings (Default and
Recommended Register 0x0A Settings), fIF = 2 GHz
PERFORMANCE BETWEEN DIFFERENTIAL vs.
SINGLE-ENDED LO INPUT
Figure 89 to Figure 91 show the conversion gain, output IP3, and
sideband rejection performance for operating the ADMV1013 LO
input as differential vs. single ended. The measurements were
performed with 0 dBm LO input power, IF mode, with an IF
frequency of 3.5 GHz, upper sideband, and TA = 25°C.
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
SINGLE-ENDED POSITIVE SIDE DISABLE
SINGLE-ENDED NEGATIVE SIDE DISABLE
DIFFERENTIAL
Figure 89. Conversion Gain vs. RF Frequency for Three Different LO Mode
Settings, fIF = 3.5 GHz (Upper Sideband)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
SINGLE-ENDED POSITIVE SIDE DISABLE
SINGLE-ENDED NEGATIVE SIDE DISABLE
DIFFERENTIAL
Figure 90. Output IP3 vs. RF Frequency for Three Different LO Mode Settings,
RF Amplitude = −20 dBm per Tone at 20 MHz Spacing, fIF = 3.5 GHz
(Upper Sideband)
0
5
10
15
20
25
30
35
40
23
25
27
29
31
33
35
37
39
41
43
45
RF FREQUENCY (GHz)
SINGLE-ENDED POSITIVE SIDE DISABLE
SINGLE-ENDED NEGATIVE SIDE DISABLE
DIFFERENTIAL
Figure 91. Sideband Rejection vs. RF Frequency for Three Different LO Mode
Settings, RF Amplitude = −30 dBm per Tone at 20 MHz Spacing,
fIF = 3.5 GHz (Upper Sideband)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com